전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • HDMI-MM-RASD-1M

  • AI
    ## HDMI-MM-RASD-1M: Technical Breakdown The **HDMI-MM-RASD-1M** is a specific type of High-Definition Multimedia Interface (HDMI) cable. The model name typically decodes to: **HDMI** (Interface), **M-M** (Male to Male), **RA** (Right Angle), **SD** (Super Density/Slim), and **1M** (1 Meter length). Below is the breakdown of its electronic components and structural design. --- ### 1. Internal Electronic Components A high-quality HDMI cable is not just a bundle of wires; it consists of several layers of electronic shielding and specific conductor arrangements. | Component | Description | Function | | :--- | :--- | :--- | | **Copper Conductors** | Typically 30-34 AWG Oxygen-Free Copper (OFC). | Transmits high-speed TMDS (Transition Minimized Differential Signaling) signals. | | **TMDS Channels** | Three main data channels + one clock channel. | Carries video and audio data packets at high frequencies. | | **DDC (Display Data Channel)** | I2C bus communication line. | Allows the source (PC/Console) to read the display's EDID (capabilities). | | **CEC Line** | Consumer Electronics Control. | Allows users to control multiple devices with one remote. | | **HEAC** | HDMI Ethernet & Audio Return Channel. | Provides internet connectivity and bi-directional audio. | --- ### 2. Connector & Housing Specifications The "RA" in the model name indicates a **Right-Angle** orientation, which involves specific internal PCB or soldering architecture. * **Gold-Plated Pins:** The 19-pin connectors are usually plated with 24K gold to prevent oxidation and ensure low contact resistance. * **Internal Shielding:** A tin-plate metal shell inside the plastic housing protects the solder points from EMI (Electromagnetic Interference). * **Right-Angle PCB:** Unlike straight cables, right-angle connectors often use a small internal PCB to route signals 90 degrees without causing impedance mismatches or signal crosstalk. --- ### 3. Physical Layer (Construction) To maintain signal integrity over the 1-meter span, the cable utilizes multiple layers of protection: 1. **Inner Insulation:** Each individual conductor is wrapped in High-Density Polyethylene (HDPE). 2. **Shielding Layer 1:** Individual twisted pairs are wrapped in Aluminum Mylar foil. 3. **Shielding Layer 2:** An overall Aluminum foil shield. 4. **Shielding Layer 3:** A high-coverage Copper/Al-Magnesium braid. 5. **Outer Jacket:** Typically PVC or a Nylon braid for "Slim" (SD) variants to ensure flexibility. --- ### 4. Technical Performance Summary | Feature | Specification | | :--- | :--- | | **HDMI Version** | Usually 2.0 (High Speed with Ethernet) | | **Max Resolution** | 4K @ 60Hz | | **Bandwidth** | Up to 18Gbps | | **Connector Orientation** | 90 Degree (Right Angle) | | **Length** | 1.0 Meter (approx. 3.3 feet) | ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a 'passive' and 'active' HDMI cable for longer distances?
    • ⤷ How does the AWG rating of the copper conductors affect signal quality?
    • ⤷ What are the specific pinouts for the 19 pins in a standard HDMI connector?