전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • HDMI-MM-RASD-3M

  • AI
    The **HDMI-MM-RASD-3M** is a specific category of High-Definition Multimedia Interface (HDMI) cable. The model name typically breaks down into technical specifications that define its electronic and physical properties. --- ## 1. Nomenclature Breakdown To understand the electronic parts, we first decode the model name: | Segment | Meaning | Technical Specification | | :--- | :--- | :--- | | **HDMI** | Protocol | Digital audio/video transmission standard. | | **MM** | Connector Gender | Male to Male (Standard plugs on both ends). | | **RASD** | Physical Build | **R**ight **A**ngle / **S**lim **D**esign. | | **3M** | Length | 3 Meters (~9.8 feet). | --- ## 2. Core Electronic Components A 3-meter HDMI cable is more than just a wire; it contains several layers of electronic engineering to ensure signal integrity over distance. ### A. Internal Wiring (Conductors) The cable consists of 19 individual wires. These are typically made of **Oxygen-Free Copper (OFC)** or **Tinned Copper**. * **TMDS Channels:** Transition Minimized Differential Signaling. These are the core wires that carry the high-speed data for video and audio. * **DDC (Display Data Channel):** Used for the "handshake" between devices (EDID information) so the source knows what resolution the monitor supports. * **HEC (HDMI Ethernet Channel):** Allows for internet sharing between connected devices. ### B. Shielding and Insulation To prevent Electromagnetic Interference (EMI) and Radio Frequency Interference (RFI), the cable employs: * **Individual Foil Shielding:** Each twisted pair of TMDS wires is wrapped in aluminum foil. * **Overall Braid Shielding:** A copper or aluminum mesh surrounds all internal wires to provide structural strength and ground the cable. ### C. Connectors and Pins The "MM" (Male-to-Male) connectors feature 19 gold-plated pins. * **Gold Plating:** Used for its high conductivity and resistance to oxidation (corrosion), ensuring a stable electronic connection over years of use. * **Right-Angle (RA) Geometry:** The internal PCB (Printed Circuit Board) inside the connector head is angled to allow for tight installations without bending the wires, which prevents "crosstalk" (signal bleeding). --- ## 3. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **HDMI Version** | Typically 2.0 (High Speed with Ethernet) | | **Max Resolution** | 4K @ 60Hz | | **Bandwidth** | 18Gbps | | **Audio Support** | ARC (Audio Return Channel), Dolby TrueHD, DTS-HD | | **Color Depth** | 48-bit/px Deep Color | --- ## 4. Signal Integrity Considerations for 3-Meter Length At 3 meters, electronic attenuation (signal loss) can occur. The **HDMI-MM-RASD-3M** addresses this through: 1. **AWG (American Wire Gauge):** Usually 28AWG or 30AWG. Thicker wire (lower number) is used to ensure the 18Gbps bandwidth is maintained over the full 3-meter span. 2. **Passive Design:** This cable is likely passive, meaning it does not require an external power source or internal chipset to boost the signal, as 3 meters is within the threshold for standard copper transmission.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a passive and an active HDMI cable at lengths over 5 meters?
    • ⤷ How does a right-angle connector affect signal impedance compared to a straight connector?
    • ⤷ Does this cable support HDMI 2.1 features like 8K resolution?