전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • HFC1005CTTDR10

  • AI
    The **HFC1005CTTDR10** is a specific electronic component belonging to the family of high-frequency multilayer ceramic chip capacitors (MLCCs). These parts are engineered for use in radio frequency (RF) and microwave circuits where low loss and high stability are critical. --- ### 1. Component Specifications Based on the standard naming conventions for high-frequency ceramic capacitors, here is the technical breakdown: | Specification | Value / Description | | :--- | :--- | | **Part Series** | HFC Series (High Frequency Ceramic) | | **Case Size** | 1005 (Metric) / 0402 (Inch) | | **Dimensions** | 1.0mm x 0.5mm | | **Capacitance** | 1.0 pF (indicated by "R10" or "10") | | **Tolerance** | ±0.1 pF (indicated by "B" or "C" depending on manufacturer) | | **Dielectric** | COG / NP0 (Ultra-stable) | | **Voltage Rating** | Typically 50V | --- ### 2. Key Electronic Characteristics #### A. High Q-Factor The primary feature of this part is its **High Q (Quality Factor)**. This means the capacitor has extremely low equivalent series resistance (ESR) at high frequencies. This minimizes energy loss (heat) and maintains signal integrity in RF paths. #### B. COG/NP0 Dielectric This material is Class I ceramic. It offers: * **Zero Temperature Coefficient:** The capacitance does not change significantly with temperature. * **No Aging:** The capacitance remains stable over the life of the component. * **Low Distortion:** Ideal for precise filtering applications. #### C. Self-Resonant Frequency (SRF) Due to its small 0402 footprint, the parasitic inductance is very low. This results in a high SRF, allowing the component to function effectively as a capacitor well into the Gigahertz (GHz) range. --- ### 3. Common Applications These parts are typically found in high-performance communication hardware: * **Impedance Matching:** Used in the matching networks of power amplifiers to ensure maximum power transfer to the antenna. * **Filters:** Used in Band Pass Filters (BPF) and Low Pass Filters (LPF) for cellular base stations and Wi-Fi modules. * **Decoupling:** High-speed digital circuits requiring clean power at high clock frequencies. * **Oscillators:** Critical for frequency stability in VCOs (Voltage Controlled Oscillators). --- ### 4. Part Number Decoding (Example) While manufacturers vary slightly, the code usually breaks down as follows: ```text HFC - 1005 - C - T - T - D - R10 | | | | | | | Series Size Dielectric Tol Packaging Voltage Cap Value ```
    ✨ Follow-up Questions
    • ⤷What is the difference between a standard MLCC and a High-Q capacitor?
    • ⤷ Which manufacturers produce equivalents for the HFC series?
    • ⤷ How does the 0402 package size affect the SRF (Self-Resonant Frequency)?