전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • HFE12-C120SLASH12-HT1-R

  • AI
    The **HFE12-C/120/12-HT1-R** is a high-power, polarized **Latching Relay** typically used in smart meters, solar inverters, and industrial switching applications. Below is the technical breakdown of the part based on its naming convention and electrical characteristics. ### 1. Part Number Deciphering | Segment | Meaning | Specification | | :--- | :--- | :--- | | **HFE12** | Series Name | High-power Magnetic Latching Relay | | **C** | Contact Arrangement | 1 Form A (Single Pole Single Throw - Normally Open) | | **120** | Rated Current | 120A Switching Capacity | | **12** | Coil Voltage | 12V DC | | **HT1** | Contact Material | AgSnO₂ (Silver Tin Oxide) for high inrush | | **R** | Polarity | Positive Polarity (standard orientation) | --- ### 2. Key Electrical Specifications Latching relays are unique because they do not require constant power to stay in an "ON" or "OFF" state; they use a pulse to flip between states. * **Switching Capacity:** Up to 120A at 250VAC. * **Coil Type:** Single coil latching or Dual coil latching (depending on specific wiring variant). * **Dielectric Strength:** Usually 4kV between coil and contacts (High isolation). * **Pulse Width:** Requires a pulse of approximately 50ms to 100ms to switch states. * **Max Switching Voltage:** 440VAC. --- ### 3. Advantages of the "Latching" Mechanism Unlike standard electromagnetic relays, the **HFE12** offers specific benefits for modern electronics: 1. **Low Power Consumption:** Since it only needs power during the transition, it generates zero heat from the coil during steady-state operation. 2. **High Current Handling:** Designed to handle 120A, making it suitable for main power disconnects in residential or industrial settings. 3. **Stability:** It maintains its position even if there is a total power failure (it will not "drop out" like a standard relay). --- ### 4. Typical Applications * **Smart Meters:** Used as the main remote disconnect switch. * **EV Charging:** Handling high AC currents for Level 2 chargers. * **Renewable Energy:** Disconnecting battery banks or solar inverters. * **Load Management:** Industrial automation where power efficiency is critical. --- ### 5. Circuit Implementation Example To control this relay with a microcontroller (like an Arduino or ESP32), you cannot drive it directly. You must use an **H-Bridge** or a dual-transistor driver to provide the reversible pulse. ```cpp // Logic for a Single Coil Latching Relay void switchON() { digitalWrite(PIN_A, HIGH); digitalWrite(PIN_B, LOW); delay(100); // 100ms pulse digitalWrite(PIN_A, LOW); // Return to neutral } void switchOFF() { digitalWrite(PIN_A, LOW); digitalWrite(PIN_B, HIGH); delay(100); // 100ms pulse digitalWrite(PIN_B, LOW); // Return to neutral } ```
    ✨ Follow-up Questions
    • ⤷What is the difference between single-coil and double-coil latching in this series?
    • ⤷ How do I calculate the flyback diode requirements for a 120A relay coil?
    • ⤷ What are the thermal considerations for mounting this relay on a PCB?