HFE19-60SLASH24-HT-1-R
AI

The **HFE19-60/24-HT-1-R** is a high-power, polarized bistable (latching) magnetic relay specifically designed for applications requiring high switching capacity and energy efficiency, such as smart meters and industrial control systems.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps define the electrical characteristics:
| Code Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **HFE19** | Series Name | Hongfa High Power Latching Relay |
| **60** | Contact Rating | 60A Switching Capability |
| **24** | Coil Voltage | 24VDC Nominal |
| **H** | Contact Form | 1 Form A (Normally Open) |
| **T** | Contact Material | AgSnO₂ (Silver Tin Oxide) |
| **1** | Coil Type | Single Coil Latching |
| **R** | Polarity | Reverse Polarity (Standard) |
---
### 2. Key Electrical Specifications
The device is engineered to handle significant electrical loads while consuming zero power once the state has been switched.
#### Contact Data
* **Max Switching Current:** 60A
* **Max Switching Voltage:** 250VAC
* **Contact Resistance:** < 2.0 mΩ (initial)
* **Mechanical Endurance:** 1,000,000 cycles
* **Electrical Endurance:** 10,000 cycles (at rated load)
#### Coil Data (Latching Mechanism)
Because this is a **latching relay**, it uses a permanent magnet to hold the contacts in place.
* **Nominal Voltage:** 24VDC
* **Pulse Duration:** Requires a pulse of ≥100ms to switch states.
* **Pick-up Voltage:** ≤16.8VDC
* **Coil Power:** Approx. 1.5W (only during the pulse).
---
### 3. Electronic Design Considerations
#### Latching Control
Unlike standard relays, you cannot apply continuous voltage. You must use a H-bridge circuit or a specialized driver to provide a momentary pulse. To reverse the state (from ON to OFF), you must reverse the polarity of the pulse across the coil.
#### Contact Material (AgSnO₂)
The use of Silver Tin Oxide (AgSnO₂) is critical for the "60A" rating. This material provides:
* Excellent resistance to welding (sticking).
* High erosion resistance during high-inrush current events.
* Environmentally friendly (Cadmium-free).
#### Insulation & Safety
* **Dielectric Strength:** 4,000VAC (between coil and contacts).
* **Creepage Distance:** 8mm, providing high isolation for safety-critical applications.
---
### 4. Typical Applications
* **Smart Grids:** Remote disconnection/connection of electricity meters.
* **Renewable Energy:** Inverters and solar tracking systems.
* **EV Charging:** Level 1 or Level 2 AC charging stations.
* **Industrial Automation:** Heavy load switching with low standby power requirements.
- ⤷
What is the difference between single coil and double coil latching relays in this series?
- ⤷ Can you provide a circuit diagram example for driving a 24V latching relay?
- ⤷ What are the thermal considerations when running this relay at its full 60A capacity?