전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • HFE21-C120SLASH24-HT2-R

  • AI
    The part number **HFE21-C120/24-HT2-R** refers to a high-voltage, high-current **DC Contacting Relay** (often used in Electric Vehicles or Energy Storage Systems) manufactured by **Hongfa**. Below is a detailed breakdown of the electronic specifications and part nomenclature. --- ### 1. Specification Overview This relay is designed to switch high DC loads, typically for battery management systems (BMS) or charging stations. | Parameter | Specification | | :--- | :--- | | **Component Type** | High Voltage DC Relay (Contactor) | | **Main Contact Current** | 120 Amps | | **Coil Rated Voltage** | 24V DC | | **Contact Arrangement** | 1 Form A (SPST-NO) | | **Cooling/Arc Extinguishing** | Ceramic/Gas filled for arc suppression | | **Terminal Type** | Busbar/M6 Screw (High Current) | --- ### 2. Part Number Breakdown The alphanumeric string defines specific physical and electrical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **HFE21** | Series Name | High-voltage DC contactor series. | | **C** | Application Type | Specifically designed for EV/Charging applications. | | **120** | Rated Current | Supports a continuous thermal current of **120A**. | | **24** | Coil Voltage | Requires **24V DC** to actuate the coil. | | **H** | Contact Material | Typically silver-based alloy for high conductivity. | | **T** | Terminal Type | Screw-type or specific busbar mounting. | | **2** | Structure | Specific internal design revision or frame size. | | **R** | Special Feature | Often denotes RoHS compliance or specific mounting orientation. | --- ### 3. Key Electronic Features * **Arc Suppression:** Since DC arcs do not have a "zero-crossing" (unlike AC), this part uses permanent magnets or inert gas to blow the arc away from the contacts to prevent welding. * **Polarity Sensitivity:** High-voltage DC contactors are often **polarity-sensitive**. The terminals are usually marked (+) and (-) for the load side to ensure the magnetic blowout works correctly. * **Low Coil Consumption:** Despite holding 120A on the contact side, the coil is optimized for low power consumption to prevent heat buildup in the control circuit. ### 4. Common Applications * **Electric Vehicles (EV):** Main battery disconnect unit. * **Charging Piles:** DC fast charging station output control. * **Solar Inverters:** Battery backup and storage isolation. * **UPS Systems:** High-power industrial backup switching. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum switching voltage (VDC) for the HFE21 series?
    • ⤷ Is this relay bi-directional or does it have a specific polarity for the load?
    • ⤷ What is the recommended flyback diode or suppression circuit for the 24V coil?