전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • HFE6-B/24-2HT2-R

  • AI
    The **HFE6-B/24-2HT2-R** is a specific model of a **magnetic latching relay** manufactured by Hongfa. These relays are widely used in applications requiring high power switching with minimal energy consumption, such as smart meters, solar inverters, and lighting control. --- ### 1. Part Number Breakdown Understanding the nomenclature reveals the electronic characteristics of the component: | Code Segment | Definition | Description | | :--- | :--- | :--- | | **HFE6** | Series Name | Subminiature Power Latching Relay series. | | **B** | Load Version | Indicates high-capacity / heavy-duty version. | | **24** | Nominal Voltage | 24V DC (the voltage required to pulse the coil). | | **2H** | Contact Form | 2 Form A (DPST-NO / Double Pole Single Throw). | | **T** | Contact Material | AgSnO₂ (Silver Tin Oxide) for high inrush resistance. | | **2** | Coil Type | Dual Coil (Latching type with three pins for the coil). | | **R** | Polarity | Reverse polarity or specific mounting configuration. | --- ### 2. Key Technical Specifications Latching relays differ from standard relays because they do not require constant power to stay "on" or "off." * **Switching Capacity:** Typically rated for 50A to 60A at 250VAC. * **Dielectric Strength:** Usually 4,000VAC between coil and contacts (high isolation). * **Pulse Duration:** Requires a short pulse (usually >50ms) to flip the state. * **Power Consumption:** 0W in the steady state; energy is only consumed during switching. --- ### 3. Functional Components #### A. The Magnetic Latching Mechanism Unlike standard relays that use a spring to return to a "normal" state, this part uses a **permanent magnet**. When the coil is pulsed, the magnetic field overcomes the permanent magnet's hold to move the armature. Once moved, the permanent magnet holds the contacts in place without further electricity. #### B. Dual Coil Configuration (The "2" in 24-2) This model features two separate coils: 1. **Set Coil:** Pulsing this coil closes the contacts. 2. **Reset Coil:** Pulsing this coil opens the contacts. This is controlled by three pins: a **Common** pin, a **Set** pin, and a **Reset** pin. #### C. Contact Material (AgSnO₂) The use of Silver Tin Oxide is crucial for electronic parts dealing with high inductive loads. It provides: * Excellent anti-welding properties. * Resistance to material transfer (pitting) during high-current switching. --- ### 4. Circuit Implementation Tips When designing a PCB for this part, consider the following: * **Flyback Diodes:** You must include clamping diodes across both the Set and Reset coils to protect your driving transistors (BJT/MOSFET) from inductive voltage spikes. * **Pulse Driving:** Ensure the microcontroller provides a pulse of sufficient duration (50ms - 100ms) but **never** leaves the coil energized indefinitely, as this will burn out the coil.
    ✨ Follow-up Questions
    • ⤷ What is the main advantage of a dual-coil latching relay over a single-coil version?
    • ⤷ Can this relay be used in DC load switching applications?
    • ⤷ What are the typical wiring diagrams for the 3-pin coil configuration?