전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • HG1903RD-RSP

  • AI
    The **HG1903RD-RSP** is a specialized electronic component typically used in high-precision RF (Radio Frequency) and microwave applications. It belongs to the category of **Surface Mount (SMT) RF Isolators/Circulators**. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Overview The HG1903RD-RSP is designed to protect RF components (like power amplifiers) from signal reflections. It ensures that power flows in one direction and redirects reflected power into a termination resistor. ### 2. Technical Specifications Typical parameters for this class of component are summarized in the table below: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | RF Isolator / Circulator | | **Frequency Range** | Typically 1800 MHz to 2000 MHz (Band dependent) | | **Insertion Loss** | < 0.35 dB | | **Isolation** | > 20 dB | | **VSWR** | 1.25:1 (Maximum) | | **Power Handling** | 60W - 100W (Average) | | **Mounting Style** | Surface Mount Technology (SMT) | | **Operating Temperature** | -40°C to +85°C | --- ### 3. Key Electronic Components & Materials * **Ferrite Disks:** The core of the device, which uses the magneto-optic effect to manipulate the direction of the RF signal. * **Permanent Magnets:** Used to bias the ferrite material, establishing the directional path for the signal. * **Internal Resistor (RSP Version):** The "RSP" suffix often denotes a specific package style or the inclusion of an internal termination. In an isolator configuration, this resistor absorbs the reflected energy. * **Conductive Housing:** Usually silver or gold-plated to ensure low skin-effect losses and high conductivity at microwave frequencies. ### 4. Application Context The HG1903RD-RSP is commonly found in the following electronic systems: 1. **Base Stations (LTE/5G):** Protecting the transmitter power amplifier from antenna mismatch. 2. **Repeater Systems:** Managing signal flow between uplink and downlink stages. 3. **Radar Modules:** Directing outgoing pulses while protecting the sensitive receiver. --- ### 5. Schematic Representation In a circuit diagram, the device is represented by a circle with an arrow indicating the direction of signal flow. ```text Port 1 (Input) ----> [HG1903RD] ----> Port 2 (Output) | v Internal Load (Termination) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency range for the HG1903RD variant?
    • ⤷ How does the 'RSP' suffix change the footprint compared to standard models?
    • ⤷ Can this component be used in a bi-directional signal path?