전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • HG905RDR-RTP

  • AI
    The **HG905RDR-RTP** is a specific type of high-performance **RFID (Radio Frequency Identification) antenna**. It is primarily designed for use in the 900 MHz ISM band, specifically for UHF (Ultra High Frequency) applications like inventory management, asset tracking, and logistics. Below is a breakdown of its electronic components, technical specifications, and physical attributes. --- ### 1. Key Technical Specifications The electronic performance of the HG905RDR-RTP is defined by its gain, polarization, and frequency range. | Feature | Specification | Description | | :--- | :--- | :--- | | **Frequency Range** | 902 - 928 MHz | Operates in the standard UHF RFID band. | | **Gain** | 5 dBi | Provides moderate signal amplification for medium-range reading. | | **Polarization** | Right-Hand Circular (RHCP) | Allows the antenna to read tags in various orientations. | | **VSWR** | < 1.5:1 | Indicates high efficiency with minimal reflected power. | | **Max Input Power** | 20 Watts | The maximum power the internal components can handle. | | **Impedance** | 50 Ohm | Standard impedance for matching with RFID readers. | --- ### 2. Internal Electronic Components While the device appears as a solid panel, it consists of several critical electronic parts: * **Patch Element:** The core component is a radiating patch (usually made of copper or gold-plated PCB). This element converts electrical signals from the reader into electromagnetic waves. * **Dielectric Substrate:** A non-conductive material layer that separates the patch from the ground plane, determining the antenna's bandwidth and efficiency. * **Feeding Network:** A series of microstrip lines that distribute power to the patch. In circular polarization, this network ensures a 90-degree phase shift to create the "spinning" signal. * **Ground Plane:** A metal layer that reflects signals forward, increasing gain and protecting the electronics behind the antenna from interference. --- ### 3. Physical Interface and Connectivity The "RTP" suffix in the model name specifically refers to the connector type. * **Connector Type:** **RP-TNC Plug (Male).** * *Note:* In "Reverse Polarity" (RP) connectors, the center pin configuration is swapped compared to standard TNC connectors to comply with FCC regulations. * **Cable:** Typically features a low-loss integrated pigtail cable to connect directly to an RFID Interrogator/Reader. * **Radome:** The outer shell is made of UV-stable ASA plastic, which protects the internal electronic elements from moisture, dust, and sun damage. --- ### 4. Applications Due to its **Right-Hand Circular Polarization (RHCP)**, this antenna is ideal for: 1. **Warehouse Portals:** Reading tags on boxes even if they are tilted or rotated. 2. **Tool Tracking:** Monitoring small items in a localized area. 3. **Access Control:** Identifying vehicles or personnel passing through a gate.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Circular and Linear polarization in RFID antennas?
    • ⤷ Can the HG905RDR-RTP be used outdoors in extreme weather?
    • ⤷ Which RFID readers are compatible with an RP-TNC connector?