HKP3040CT
AI

The **HKP3040CT** is a high-performance Schottky Barrier Rectifier diode. It is commonly utilized in power management circuits due to its low forward voltage drop and high switching speed.
---
## 1. Technical Specifications
The following table highlights the primary electrical characteristics of the HKP3040CT:
| Parameter | Symbol | Value | Unit |
| :--- | :--- | :--- | :--- |
| **Maximum Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 40 | Volts (V) |
| **Maximum Average Forward Rectified Current** | $I_{F(AV)}$ | 30 (15 per leg) | Amperes (A) |
| **Peak Forward Surge Current** (8.3ms single half sine-wave) | $I_{FSM}$ | 200 | Amperes (A) |
| **Maximum Forward Voltage Drop** (at $I_F = 15A$) | $V_F$ | 0.55 - 0.60 | Volts (V) |
| **Operating Junction Temperature Range** | $T_j$ | -55 to +150 | °C |
---
## 2. Key Features
* **Common Cathode Configuration:** The device usually comes in a TO-220 or TO-247 package containing two diode chips with a shared cathode (center pin).
* **Low Power Loss:** The Schottky barrier technology ensures a lower forward voltage than standard silicon diodes, leading to higher efficiency.
* **High Frequency Operation:** Ideal for high-speed switching applications.
* **Guard Ring Protection:** Most variants include a guard ring for transient protection and high reliability.
---
## 3. Typical Applications
The HKP3040CT is versatile and found in various power electronics:
1. **Switching Power Supplies (SMPS):** Used for output rectification in AC-DC converters.
2. **DC-DC Converters:** Acts as a freewheeling diode or polarity protection.
3. **Solar Panels:** Often used as a bypass diode to prevent reverse current flow.
4. **Battery Chargers:** Manages high-current rectification with minimal heat generation.
---
## 4. Pin Configuration (TO-220 Package)
Standard 3-pin layout for a common cathode dual diode:
* **Pin 1:** Anode 1
* **Pin 2:** Cathode (Common / Tab)
* **Pin 3:** Anode 2
- ⤷What are the cooling requirements for the HKP3040CT at full 30A load?
- ⤷ How does the forward voltage drop change with temperature in this diode?
- ⤷ Can the HKP3040CT be used in series to increase voltage rating?