HLMP-BD16-RUT
AI

The **HLMP-BD16-RUT00** is a high-brightness, precision optical performance **Red LED** manufactured by Broadcom (formerly Avago Technologies). It belongs to the HLMP-Bxxx series of AllnGaP (Aluminum Indium Gallium Phosphide) LEDs, which are specifically designed for outdoor applications requiring high visibility.
---
### 1. Key Technical Specifications
The following table highlights the primary electrical and optical characteristics of the HLMP-BD16-RUT00:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Color** | Red | Dominant Wavelength: ~630 nm |
| **Lens Shape** | Oval (5mm) | Designed for wide horizontal viewing |
| **Luminous Intensity** | 310 mcd - 1150 mcd | Varies by binning |
| **Forward Voltage ($V_f$)** | 1.8V to 2.4V | Typical operating voltage |
| **Forward Current ($I_f$)** | 20 mA | Recommended operating current |
| **Viewing Angle** | 70° x 35° | Horizontal x Vertical (Elliptical) |
| **Technology** | AlInGaP | High efficiency and reliability |
---
### 2. Physical and Design Features
The HLMP-BD16 series is characterized by its physical build, optimized for environmental durability:
* **Package Type:** T-1 ¾ (5mm) through-hole package.
* **Lens Tinting:** The LED usually features a tinted, non-diffused lens to maximize light output while maintaining color identity when the LED is off.
* **Oval Radiation Pattern:** Unlike standard round LEDs, the oval shape provides a wide horizontal viewing angle and a narrow vertical angle. This is ideal for signs where viewers are at the same level as the display but spread out horizontally.
* **Lead Frame:** Features an internal stand-off design (the "RUT" suffix often refers to specific lead configurations or packaging) to facilitate wave soldering.
---
### 3. Application Use Cases
Due to its high intensity and specific viewing angle, this part is commonly used in:
1. **Variable Message Signs (VMS):** Highway traffic signs and information displays.
2. **Solar Powered Signs:** Due to the high efficiency of AlInGaP technology, it consumes less power for high brightness.
3. **Commercial Outdoor Advertising:** Billboards and stadium displays.
4. **Passenger Information:** Bus and train station destination boards.
---
### 4. Circuit Implementation Example
When driving this LED with a microcontroller (like an Arduino) at 5V, you must use a current-limiting resistor.
```cpp
// Basic Calculation:
// R = (V_supply - V_f) / I_f
// R = (5V - 2.0V) / 0.02A = 150 Ohms
```
---
- ⤷
What are the storage temperature limits for the HLMP-BD16 series?
- ⤷ How does the AlInGaP technology compare to InGaN for red LEDs?
- ⤷ Can this LED be dimmed using Pulse Width Modulation (PWM)?