전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • HM-E-R

  • AI
    The **HM-E-R** generally refers to a specific series of **Hybrid Module Expansion Relays** or high-sensitivity electromagnetic relays often used in automation, security systems, and telecommunication signal switching. Below is a breakdown of the electronic components and technical specifications typically associated with this part. ### 1. Core Internal Components The HM-E-R is a complex electromechanical device consisting of several internal parts: | Component | Description | Function | | :--- | :--- | :--- | | **Electromagnetic Coil** | Fine copper wire wound around a core. | Creates a magnetic field when energized to move the contacts. | | **Armature** | A movable iron part. | Responds to the magnetic field to open/close the circuit. | | **Contact Points** | Usually Silver Alloy (Ag) or Gold-plated. | The physical interface that conducts the electrical load. | | **Return Spring** | Mechanical tension spring. | Ensures the contacts return to their default state when power is removed. | | **Yoke/Frame** | Metal housing. | Provides the magnetic path and structural integrity. | --- ### 2. Technical Specifications While specific values depend on the exact manufacturer (such as Panasonic or Omron equivalents), standard HM-series "R" (Relay) modules follow these parameters: * **Coil Voltage:** Typically available in 5V, 12V, or 24V DC. * **Contact Rating:** Usually rated for low signal (1A to 2A) or medium power (up to 5A). * **Configuration:** Commonly **SPDT** (Single Pole Double Throw) or **DPDT** (Double Pole Double Throw). * **Response Time:** Fast switching, often under 10ms. * **Mounting Type:** Through-hole PCB mount (DIP pins). --- ### 3. Pinout and Circuit Symbol The device is usually integrated into a PCB using a standard 5-pin or 8-pin layout. ```text Typical Relay Schematic: (Coil Pin 1) ----[ L ]---- (Coil Pin 2) (Common) ---------/ (Normally Open) | (Normally Closed) ``` --- ### 4. Key Features 1. **High Sensitivity:** Requires very low input current to trigger the magnetic coil. 2. **Galvanic Isolation:** Provides a physical air gap between the control circuit (low voltage) and the load circuit (high voltage). 3. **Compact Form Factor:** Designed for high-density PCB layouts. 4. **"R" Suffix:** In many naming conventions, the "R" indicates **RoHS Compliance** or a **Resistive** load optimization. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching voltage for an HM-E-R relay?
    • ⤷ How do I test if an HM-E-R relay is functioning correctly using a multimeter?
    • ⤷ What are the common causes of failure in these types of electronic relays?