전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • HM-R

  • AI
    The **HM-R** typically refers to the **HM-R (Receiver) Module**, which is a low-cost, ASK (Amplitude Shift Keying) modulated RF receiver. It is often paired with the **HM-T (Transmitter)** and is widely used in simple remote control systems, data logging, and wireless sensing. Below is a breakdown of the electronic components, specifications, and pinout logic for the HM-R series. --- ## 1. Technical Specifications The HM-R is designed for simplicity and low power consumption. While there are different frequency versions (315MHz, 433MHz, 868MHz, and 915MHz), the **433MHz** version is the most common. | Feature | Specification | | :--- | :--- | | **Modulation Type** | ASK (Amplitude Shift Keying) | | **Operating Voltage** | 2.5V – 5.0V DC | | **Operating Current** | ~3.5mA to 4.5mA | | **Receiver Sensitivity** | -102 to -105 dBm | | **Data Rate** | 300 bps to 4.8 kbps | | **Frequency Range** | 315 / 433 / 868 / 915 MHz | | **Interface** | TTL / CMOS Compatible | --- ## 2. Internal Electronic Architecture The HM-R module is a **Super-Regenerative** receiver. Unlike more complex Super-Heterodyne receivers, the HM-R uses a simpler circuit consisting of: 1. **LC Tuned Circuit:** Consists of an inductor and capacitor tuned to the specific resonant frequency (e.g., 433MHz). 2. **RF Amplifier:** A high-frequency transistor that boosts the weak signal captured by the antenna. 3. **Quench Oscillator:** Periodically interrupts the RF oscillations to allow the circuit to detect the incoming ASK signal. 4. **Data Slicing Circuit:** A comparator (often an LM358 or similar op-amp) that converts the analog envelope of the radio signal into a digital (High/Low) square wave. --- ## 3. Pin Configuration The module typically features a 4-pin or 5-pin layout with 2.54mm spacing for easy breadboarding. | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **GND** | Ground Connection (0V) | | 2 | **DATA** | Digital Output (Data received from transmitter) | | 3 | **DATA** | Duplicate Data Pin (for wiring convenience) | | 4 | **VCC** | Power Supply (Typically 5V) | | 5 | **ANT** | Antenna connection (Usually a 17cm wire for 433MHz) | --- ## 4. Implementation Details ### Antenna Requirements To achieve a reliable range (typically 30–100 meters line-of-sight), a **Quarter-Wave Monopole Antenna** is required. * **For 433MHz:** Use a piece of solid core wire approximately **17.3 cm** long. * **For 315MHz:** Use a wire approximately **22.6 cm** long. ### Noise Handling Because ASK receivers are sensitive to atmospheric noise and electromagnetic interference (EMI), the "Data" pin will often output "garbage" data when no transmitter is active. To handle this in electronics: * Use a **Manchester Encoding** library (like VirtualWire or RadioHead for Arduino). * Implement a Preamble and Checksum in your software to validate packets. ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between the HM-R receiver and a Super-Heterodyne receiver?
    • ⤷ How do I connect the HM-R module to an Arduino for basic data reception?
    • ⤷ Why does the HM-R module output random noise when no signal is being transmitted?