전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • HMS0864B-R82

  • AI
    ### HMS0864B-R82: Technical Overview The **HMS0864B-R82** is a specific electronic component, typically categorized as a **Compact Flash (CF) Memory Module** or a high-density **SRAM/DRAM module** depending on the specific legacy industrial application it is serving. It is most commonly associated with **Hynix** (formerly Hyundai) or specialized industrial storage manufacturers. --- ### Key Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Memory Storage / CMOS Static RAM Module | | **Capacity** | Often 8MB to 64MB (Depending on the specific density code) | | **Interface** | Parallel / 50-pin or 68-pin configurations | | **Voltage** | Typically 3.3V or 5V (Standard Industrial) | | **Access Time** | 70ns - 100ns (Typical for SRAM-based modules) | | **Mounting Type** | Surface Mount or Plug-in Module | --- ### Core Electronic Characteristics #### 1. Power Consumption These modules are designed for low power consumption in standby mode, making them ideal for battery-backed data retention in industrial controllers. #### 2. Durability and Reliability * **Operating Temperature:** Usually rated for industrial ranges (-40°C to +85°C). * **Data Retention:** High resistance to data corruption during power fluctuations, often used in PLC (Programmable Logic Controller) environments. #### 3. Pin Configuration The "R82" suffix often denotes a specific revision or a lead-free (RoHS compliant) packaging style. The physical interface usually follows the JEDEC standards for memory modules, ensuring compatibility with legacy motherboards or proprietary industrial boards. --- ### Common Applications 1. **Industrial Automation:** Used in CNC machines and PLCs to store operating parameters and G-code. 2. **Networking Equipment:** Early routers and switches used these as buffer memory or firmware storage. 3. **Medical Devices:** Used in diagnostic equipment where high-reliability storage is non-negotiable. --- ### Comparison with Modern Equivalents If you are looking to replace this part, consider the following differences: * **Speed:** Modern SD cards or SSDs are significantly faster but lack the specific parallel bus timing required by older hardware. * **Voltage:** Modern memory uses 1.8V or lower, whereas the HMS0864B-R82 likely requires higher legacy voltages.
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the HMS0864B-R82?
    • ⤷ Are there modern drop-in replacements for this specific memory module?
    • ⤷ How does the 'R82' suffix affect its compatibility with older versions?