전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • HORNET_V01

  • AI
    Based on the technical profile of the **HORNET_V01** (commonly associated with DIY flight controllers or specific robotics control boards), the architecture is designed around high-performance processing and precise sensor integration. Below is a breakdown of the core electronic components typically found in this hardware revision. ### 1. Main Controller Unit (MCU) The brain of the HORNET_V01 is usually an ARM-based processor capable of high-speed loop rates. | Component | Specification | Function | | :--- | :--- | :--- | | **Processor** | STM32 Series (e.g., F4 or F7) | Executes flight control algorithms and PID loops. | | **Clock Speed** | 168MHz - 216MHz | Ensures low latency between sensor input and motor output. | | **Flash Memory** | 512KB - 1MB | Stores firmware (Betaflight, INAV, or custom C++ code). | --- ### 2. Sensing and IMU System To maintain stability, the board utilizes an Internal Measurement Unit (IMU) to track orientation. * **Gyroscope/Accelerometer:** Usually an **MPU6000** or **ICM-42688-P**. These are connected via SPI for the fastest possible data transfer. * **Barometer:** (Optional in some sub-variants) Often a **BMP280** or **DPS310** for altitude hold capabilities. * **Current Sensor:** Integrated shunt resistor to monitor battery consumption in real-time. --- ### 3. Power Management System (PMU) The HORNET_V01 features a robust power stage to handle varying voltage inputs from LiPo batteries. * **Voltage Regulator (BEC):** Typically outputs **5V/2A** for the MCU and peripherals, and **9V/12V** for video transmitters (VTX). * **Input Range:** Usually supports **2S to 6S** LiPo (7.4V - 25.2V). * **Filtering:** Large SMD capacitors are used to reduce "noise" generated by the Electronic Speed Controllers (ESCs). --- ### 4. Communication Interfaces The board layout provides various pads for external hardware expansion. ```markdown - UART1: Dedicated for Serial Receivers (SBUS, IBUS, DSMX, ELRS). - UART2: Typically used for VTX Control (SmartAudio or Tramp). - UART3/4: Reserved for GPS modules or Telemetry. - I2C Bus: Used for external compass/mag sensors. ``` --- ### 5. Specialized Integrated Circuits * **OSD Chip:** An **AT7456E** chip is standard for overlaying flight data (battery voltage, timer) onto the analog video feed. * **Blackbox Logging:** Includes an onboard **16MB Flash chip** or a MicroSD card slot to record flight logs for tuning purposes. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout diagrams for the HORNET_V01 UART ports?
    • ⤷ Does the HORNET_V01 support the latest ELRS communication protocol?
    • ⤷ What firmware is recommended for flashing the HORNET_V01 board?