전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • HP2N-R

  • AI
    The **HP2N-R** refers to a high-performance, compact power relay commonly manufactured by brands like **IDEC** or similar industrial component suppliers. These relays are designed for high-density mounting and are frequently used in automation control panels and industrial electronics. ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Contact Configuration** | DPDT (2 Form C) | | **Rated Load (Resistive)** | 10A @ 250V AC / 10A @ 30V DC | | **Coil Voltages** | 12V DC, 24V DC, 110V AC, 220V AC (Varies by model) | | **Mounting Type** | Plug-in (compatible with sockets) or PCB mount | | **Indicators** | Built-in Mechanical Indicator and LED | | **Contact Material** | Silver alloy (AgSnIn) for durability | --- ### 2. Electronic Component Breakdown The HP2N-R is more than just a mechanical switch; it consists of several integrated electronic and mechanical parts: #### A. The Electromagnetic Coil The core of the relay. When current flows through this copper coil, it generates a magnetic field that pulls the armature. * **Safety Tip:** When used with DC, these often include a "back-EMF" diode to prevent voltage spikes from damaging the driving circuit. #### B. The Contact System (DPDT) * **DPDT (Double Pole Double Throw):** This means the relay can control two separate circuits simultaneously. Each "pole" has a common pin that toggles between a "Normally Closed" (NC) and "Normally Open" (NO) terminal. #### C. Built-in LED & Mechanical Flag * **Visual Diagnostics:** The "R" in the part number often denotes the inclusion of an **LED indicator**. This allows technicians to see instantly if the coil is energized without using a multimeter. * **Mechanical Flag:** A small plastic tab that moves physically to show the state of the contacts even if the LED fails. #### D. Arc Barriers Internal insulation walls designed to prevent "arcing" (electrical sparks) between the two poles, ensuring that high-voltage loads do not short-circuit across the relay. --- ### 3. Common Applications * **Motor Control:** Small single-phase motors or solenoid valves. * **PLC Interfacing:** Acting as a buffer between sensitive PLC outputs and heavy industrial loads. * **Safety Interlocks:** Used in logic circuits to ensure a machine cannot start unless specific conditions are met. ---
    ✨ Follow-up Questions
    • ⤷What is the specific pinout diagram for the HP2N-R socket?
    • ⤷ How does the 'R' suffix specifically change the internal circuitry?
    • ⤷ What are the compatible DIN-rail sockets for this relay?