전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • HPA-1B-R

  • AI
    The **HPA-1B-R** is a specific component used in professional audio and broadcasting equipment, most notably associated with high-performance headphone distribution systems (like those manufactured by **Rane** or similar audio hardware firms). Below is an overview of the electronic parts and technical characteristics associated with this designation. --- ### 1. Component Overview The HPA-1B-R typically refers to a **Remote Control / Headphone Amplifier module**. It is designed to interface with a central distribution unit to provide localized volume control and amplification for a single user. | Feature | Specification | | :--- | :--- | | **Type** | Wired Remote Headphone Amplifier | | **Connectivity** | RJ-45 (typically via CAT5/6) or Terminal Block | | **Main Function** | Signal buffering and local volume attenuation | | **Power Source** | Often Phantom powered or DC via the host unit | --- ### 2. Key Internal Electronic Parts While specific revisions may vary, the core circuitry generally consists of the following categories: #### A. The Operational Amplifier (Op-Amp) The heart of the unit is a high-fidelity operational amplifier. * **Common parts used:** NE5532 or OPA-series. * **Purpose:** Provides low-noise, low-distortion amplification capable of driving low-impedance headphones (32Ω to 600Ω). #### B. Potentiometer (Volume Control) * **Part:** Dual-gang log-taper potentiometer. * **Purpose:** Allows for smooth, logarithmic volume adjustment for stereo signals. Higher-end models use "R" (Conductive Plastic) types for longer life and reduced "scratchy" noise. #### C. Input/Output Connectors * **TRS Jack:** 1/4" (6.35mm) or 3.5mm stereo output jack. * **Data/Audio Input:** Usually an **8P8C (RJ-45)** connector. In these systems, the Ethernet cable carries the balanced audio signal and DC power simultaneously. #### D. Protection & Filtering * **Electrolytic Capacitors:** Used for DC blocking and power supply decoupling. * **Resistors:** Metal film resistors (1% tolerance) are used to maintain channel balance and set gain stages. --- ### 3. Signal Flow Diagram The electronic logic follows a standard signal chain for remote audio: ```mermaid graph LR A[Input via RJ-45] --> B[Input Buffer/Diff Amp] B --> C[Volume Potentiometer] C --> D[Power Amp Stage] D --> E[Headphone Jack Output] ``` --- ### 4. Technical Advantages * **Balanced Line Input:** By receiving audio via a balanced line (over CAT5), the unit minimizes EMI/RFI interference over long cable runs. * **High Current Output:** The internal stages are biased to handle high current, ensuring that bass frequencies remain tight even at high volumes. ---
    ✨ Follow-up Questions
    • ⤷ What are the pinout specifications for the RJ-45 connector on the HPA-1B-R?
    • ⤷ Which specific power supply voltage is required for this module?
    • ⤷ Can the HPA-1B-R drive headphones with an impedance higher than 600 ohms?