전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • HPP-28-R

  • AI
    The **HPP-28-R** is a high-performance, programmable DC power supply module commonly used in industrial automation, testing, and research environments. It is known for its compact form factor and precision control. --- ### 1. Technical Specifications The electronics of the HPP-28-R are designed for high efficiency and low noise. Below are the primary electronic characteristics: | Feature | Specification (Typical) | | :--- | :--- | | **Output Voltage** | 0 – 28 VDC | | **Output Current** | 0 – 5 A (Model dependent) | | **Control Interface** | RS-232 / Analog (0-10V or 4-20mA) | | **Input Voltage** | 100 – 240 VAC (Universal Input) | | **Response Time** | < 50ms | | **Efficiency** | > 85% | --- ### 2. Key Electronic Components The internal architecture of the HPP-28-R consists of several critical electronic stages: * **Switch-Mode Power Supply (SMPS) Stage:** Converts AC input into a stable DC bus voltage using high-frequency switching transistors (MOSFETs/IGBTs) to minimize heat and size. * **Microcontroller Unit (MCU):** Acts as the "brain," managing the digital-to-analog conversions for precise voltage setting and monitoring the safety parameters. * **Filtering Network:** Uses high-grade electrolytic and ceramic capacitors to reduce ripple and noise, ensuring a clean DC output for sensitive electronics. * **Communication Bridge:** Contains an isolation layer (Opto-couplers) to protect the RS-232 or USB interface from high-voltage spikes on the power line. --- ### 3. Protection Circuitry To ensure the longevity of the connected load and the module itself, the HPP-28-R integrates several hardware protection layers: 1. **OVP (Over-Voltage Protection):** Shuts down output if the voltage exceeds a predefined threshold. 2. **OCP (Over-Current Protection):** Prevents damage during short circuits or excessive load. 3. **OTP (Over-Temperature Protection):** Uses internal thermistors to monitor heatsink temperature, triggering a thermal shutdown if cooling fails. --- ### 4. Integration Example To control the HPP-28-R via a microcontroller (like an Arduino or PLC) using the analog port, the following wiring logic is typically used: ```cpp // Example: Setting voltage via PWM converted to Analog 0-10V int dacPin = 9; // Output to an Op-Amp circuit for 0-10V scaling int targetVoltage = 14; // Aiming for 14V (50% of 28V range) void setup() { pinMode(dacPin, OUTPUT); } void loop() { // Map 0-28V to 0-255 PWM steps int outputValue = map(targetVoltage, 0, 28, 0, 255); analogWrite(dacPin, outputValue); } ``` ---
    ✨ Follow-up Questions
    • ⤷What are the primary differences between the HPP-28-R and the HPP-24 series?
    • ⤷ Can the HPP-28-R be controlled via Modbus protocol?
    • ⤷ What is the maximum ripple voltage allowed for the HPP-28-R?