전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • HPP-38-R

  • AI
    ## Overview of the HPP-38-R The **HPP-38-R** is a high-performance, precision pressure transducer/sensor often used in industrial, HVAC, and hydraulic applications. It is specifically designed to convert mechanical pressure into a proportional electrical signal. --- ### Technical Specifications & Electronic Components The electronic performance of the HPP-38-R is characterized by its stability and signal conditioning. Below are the primary electronic characteristics: | Component/Feature | Description | | :--- | :--- | | **Sensing Element** | Piezoresistive silicon chip or Thin-film strain gauge | | **Output Signal** | Typically 4-20 mA (current loop) or 0-10 VDC (voltage) | | **Supply Voltage** | 12 - 36 VDC (standard industrial range) | | **Circuit Protection** | Reverse polarity, overvoltage, and short-circuit protection | | **Connection Type** | M12 Connector or DIN 43650 (Standardized electronic interface) | | **Accuracy** | Often rated at $\pm 0.5\%$ or $\pm 0.25\%$ Full Scale (FS) | --- ### Key Electronic Functionalities #### 1. Signal Conditioning Circuitry Inside the HPP-38-R housing is an **ASIC (Application-Specific Integrated Circuit)**. This circuit performs several critical tasks: * **Amplification:** Boosts the millivolt signal from the raw sensor element to a usable industrial level (e.g., 4-20mA). * **Temperature Compensation:** Corrects electronic drift caused by changes in ambient temperature to maintain accuracy. * **Filtering:** Minimizes Electromagnetic Interference (EMI) and Radio Frequency Interference (RFI). #### 2. Electrical Wiring (Standard 4-20mA Configuration) The most common electronic setup for this part is a **2-wire current loop**: ```text Pin 1: +V (Power Supply 12-36V) Pin 2: Output (4-20mA Signal / Ground return) Pin 3: Ground / Case Earth (Shielding) ``` #### 3. Protection Ratings The electronics are usually encapsulated to achieve an **IP65 or IP67** rating, ensuring that the internal PCB and components are protected against moisture and dust ingress, which could cause electronic shorts. --- ### Typical Applications * **Hydraulic Systems:** Monitoring oil pressure in heavy machinery. * **Pneumatics:** Real-time feedback for compressed air systems. * **Process Control:** Integration into PLC (Programmable Logic Controller) systems for automated regulation.
    ✨ Follow-up Questions
    • ⤷ What is the maximum pressure range supported by the HPP-38-R?
    • ⤷ How do I calibrate the 4-20mA output signal for this sensor?
    • ⤷ What are the specific pinout diagrams for the M12 connector version?