전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • HPR-10DA-H-R

  • AI
    ## Overview of HPR-10DA-H-R The **HPR-10DA-H-R** is a specific model of a **High-Power Solid State Relay (SSR)**, typically manufactured by companies like FOTEK. It is designed to switch AC loads using a DC control signal, offering a contactless alternative to traditional electromechanical relays. --- ### Key Technical Specifications | Feature | Specification | Description | | :--- | :--- | :--- | | **Input (Control) Voltage** | 4-32 VDC | The signal required to turn the relay ON. | | **Output (Load) Current** | 10A | Maximum continuous AC current rating. | | **Output (Load) Voltage** | 24-480 VAC | The range of AC voltage the relay can switch. | | **Type** | DC to AC | DC input controls an AC output. | | **Response Time** | < 10ms | High-speed switching capability. | | **Isolation Strength** | > 2500 VAC | Electrical isolation between input and output. | --- ### Internal Electronic Components The "parts" inside this SSR consist of solid-state semiconductor devices rather than moving coils and contacts: 1. **Opto-Isolator (Photocoupler):** * **Function:** Provides galvanic isolation between the low-voltage DC control side and the high-voltage AC load side. * **How it works:** When DC power is applied to the input, an internal LED lights up, triggering a light-sensitive semiconductor on the output side. 2. **Trigger Circuit (Zero-Cross):** * **Function:** Minimizes electrical noise (EMI) and current surges. * **How it works:** The "Zero-Cross" feature ensures the relay only switches the AC load ON when the AC sine wave is at the zero-voltage point. 3. **TRIAC or Dual Thyristors:** * **Function:** The primary power switching element. * **How it works:** This semiconductor handles the 10A current flow. It stays conductive as long as the input signal is present and the AC current is flowing. 4. **Snubber Circuit (RC Network):** * **Function:** Protects the internal semiconductors from voltage spikes ($dv/dt$) caused by inductive loads (like motors or solenoids). --- ### Physical Features & Installation * **LED Indicator:** A built-in LED on the casing indicates when the input control signal is active. * **Heat Sink Base:** The back of the unit is usually a metal plate. Since semiconductors generate heat, it must be mounted to a heat sink for any load exceeding 5A. * **Terminals:** Screw terminals with protective covers for secure wiring. --- ### Application Use Cases * **Heater Control:** Temperature controllers (PID) frequently use SSRs for rapid pulse-width modulation. * **Industrial Automation:** Switching solenoids or small motors. * **Lighting Systems:** Controlling large banks of AC lights.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Zero-Cross and Random-Fire switching in SSRs?
    • ⤷ Why is a heat sink necessary for a 10A SSR?
    • ⤷ Can the HPR-10DA-H-R be used to switch a DC load?