전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • HPR-14-R/Q

  • AI
    The **HPR-14-R/Q** series refers to high-performance, compact **DC-DC Converters** typically used in industrial and telecommunications applications. These components are designed to convert a wide range of input voltages into a stable, regulated output voltage. ### 1. Key Technical Specifications The "R/Q" suffix usually denotes specific variations in mounting or pinout (e.g., through-hole vs. surface mount). | Feature | Typical Specification | | :--- | :--- | | **Input Voltage Range** | 9V to 36V or 18V to 72V (Wide Input) | | **Output Power** | Up to 14 Watts | | **Isolation** | 1500 VDC to 3000 VDC | | **Efficiency** | 85% - 90% | | **Package Style** | SIP (Single In-line Package) or DIP | | **Operating Temp** | -40°C to +85°C | --- ### 2. Internal Electronic Architecture The HPR-14-R/Q utilizes several critical electronic sub-systems to ensure stability and safety: #### A. Input Filtering To protect the internal circuitry from voltage spikes and Electromagnetic Interference (EMI), these units contain: * **LC Filters:** A combination of inductors (L) and capacitors (C) to smooth the input current. * **TVS Diodes:** Transient Voltage Suppressors to prevent damage from surges. #### B. The Switching Regulator The core of the part is a high-frequency **PWM (Pulse Width Modulation) Controller**. * It switches the input DC into a high-frequency square wave. * This square wave passes through a **Step-down/Step-up Transformer** for galvanic isolation. #### C. Output Rectification and Regulation * **Schottky Diodes:** Used for high-speed rectification of the transformer output. * **Feedback Loop:** An optoisolator sends a signal from the output back to the controller to adjust the PWM duty cycle, ensuring the voltage remains constant regardless of the load. --- ### 3. Protection Features The electronic design includes built-in safeguards to prevent component failure: * **Short Circuit Protection (SCP):** The unit will shut down or enter "hiccup mode" if the output is shorted. * **Over-Voltage Protection (OVP):** Prevents the output voltage from exceeding safe limits for the connected hardware. * **Thermal Shutdown:** If the internal temperature exceeds a threshold (typically 100°C+), the converter stops switching to prevent melting. --- ### 4. Implementation Example (Basic Pinout) ```cpp // Schematic representation of typical 4-pin/6-pin DC-DC converter [ +Vin ] ----> [ Internal Filter ] ----> [ Switching IC ] | [ -Vin ] <------------------------------- [ Transformer ] | [ +Vout] <---- [ Rectifier ] <----------- [ Feedback Loop ] [ -Vout] <-------------------------------/ ```
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between the R and Q versions of this converter?
    • ⤷ How do I calculate the thermal derating for this part in a closed enclosure?
    • ⤷ Can this component be used in parallel to increase output current?