전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • HPV-2-R/A2

  • AI
    The **HPV-2-R/A2** is a specialized high-performance industrial **Rotary Potentiometer/Angle Sensor**, typically used in heavy machinery, joysticks, and control systems. It is designed to convert mechanical rotation into a precise electrical signal. --- ### 1. Technical Specifications The electrical characteristics are defined by its high durability and precision for industrial environments. | Feature | Specification | | :--- | :--- | | **Type** | Conductive Plastic Potentiometer | | **Total Resistance** | Typically 2kΩ or 5kΩ (Model specific) | | **Linearity Tolerance** | ±1% to ±2% | | **Electrical Angle** | 180° / 360° (Continuous rotation possible) | | **Power Rating** | 0.2W - 0.5W | | **Output Type** | Analog Voltage (Ratiometric) | --- ### 2. Core Electronic Components The internal architecture of the HPV-2-R/A2 consists of several critical electronic elements: 1. **Conductive Plastic Element:** Unlike wire-wound resistors, this uses a smooth polymer track. This provides "infinite resolution," meaning the output changes smoothly rather than in steps. 2. **Multi-fingered Wiper:** A precious metal brush (often gold or silver alloy) that slides across the track. The multi-finger design ensures constant contact even during high vibrations. 3. **Return Spring (R-Series):** The "R" in the model often signifies a **Return-to-center** mechanism, utilizing a mechanical spring to return the electrical output to a neutral midpoint when released. 4. **Integrated Terminals:** Usually features three pins: * **VCC:** Input voltage (Excitation). * **GND:** Ground. * **OUT:** The wiper signal representing the angle. --- ### 3. Connection Diagram The electronic integration follows a standard voltage divider circuit: ```cpp // Logic for reading HPV-2-R/A2 on a Microcontroller (e.g., Arduino) int sensorPin = A0; // Connected to the center pin (Wiper) int sensorValue = 0; // Variable to store the value void setup() { Serial.begin(9600); } void loop() { sensorValue = analogRead(sensorPin); // Reads 0 to 1023 float voltage = sensorValue * (5.0 / 1023.0); Serial.println(voltage); delay(100); } ``` --- ### 4. Key Advantages * **High Life Cycle:** Rated for millions of cycles due to the low-friction conductive plastic. * **Environmental Resistance:** Often IP-rated to resist dust and moisture common in hydraulic or construction equipment. * **Signal Stability:** Designed to minimize "noise" (electrical static) during high-speed rotation.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R and A2 designations in this model series?
    • ⤷ How do I calibrate the center-point voltage for this sensor?
    • ⤷ Can this sensor be interfaced directly with a 4-20mA industrial loop?