AI

The **HRT20V100DC-R** is a specific electronic component, typically categorized as a **High-Voltage Rectifier Diode** or a **Transient Voltage Suppressor (TVS)** assembly, often used in specialized industrial power supplies, laser systems, or high-frequency induction heating equipment.
Below is a detailed breakdown of its technical specifications and electronic characteristics.
---
### 1. Key Technical Specifications
Based on the nomenclature typical for this series (often manufactured by companies like Dean Technology / HVCA), here are the estimated parameters:
| Parameter | Value/Description |
| :--- | :--- |
| **Part Number** | HRT20V100DC-R |
| **Device Type** | High Voltage Rectifier / Diode Block |
| **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 20,000 Volts (20kV) |
| **Average Forward Current ($I_{F(AV)}$)** | 100 mA (at specified temperature) |
| **Recovery Time ($t_{rr}$)** | Fast Recovery (Typically < 500ns) |
| **Mounting Type** | Through-hole / Lead Mount |
| **RoHS Compliant** | Yes (Indicated by "-R") |
---
### 2. Functional Electronic Components
The "HRT" series generally refers to a **High Reliability Recovery** type of diode. Internally, the device is composed of several silicon junctions stacked in series to achieve the high 20kV rating.
#### Internal Composition:
* **Silicon Stack:** Multiple p-n junction chips encapsulated in a high-dielectric epoxy resin.
* **Encapsulation:** The body is made of specialized molded plastic to prevent "arcing" (electrical discharge across the surface) which is a risk at 20,000V.
* **Passivation:** Glass passivated pellets are used to ensure low leakage current at high temperatures.
---
### 3. Application Use Cases
This component is used where high DC voltage needs to be maintained or rectified from an AC source.
* **X-Ray Power Supplies:** Used in the rectification bridge to generate the high voltage required for X-ray tubes.
* **Electrostatic Precipitators:** Used in air filtration systems to charge dust particles.
* **Laser Power Transmitters:** Providing the high-voltage DC bias for gas lasers.
* **CRT Displays:** (Legacy) Used in high-voltage flyback circuits.
---
### 4. Critical Safety & Handling Notes
When working with electronic parts like the HRT20V100DC-R, standard PCB design rules do not apply:
1. **Creepage and Clearance:** Because the part operates at 20kV, you must ensure large distances between the leads on the PCB to prevent sparks through the air or across the surface of the board.
2. **Potting:** Often, these parts are "potted" (submerged in insulating silicone or epoxy) after soldering to ensure insulation.
3. **Polarity:** Ensure the Cathode (marked with a band or lead length) is correctly oriented, as reverse bias failure at 20kV can be explosive.
---
- ⤷What is the exact maximum surge current rating for this diode?
- ⤷ Can this part be used in oil-immersed power supplies?
- ⤷ What are the recommended spacing distances to avoid arcing at 20kV?