HRT30L200DC-R
AI

The **HRT30L200DC-R** is a high-performance power semiconductor component, specifically a **Schottky Barrier Diode** (SBD) designed for high-frequency switching and power rectification applications.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. Key Technical Specifications
The part number typically follows standard conventions for high-voltage power rectifiers.
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | Schottky Barrier Diode | Fast switching, low forward voltage drop |
| **Max Forward Current ($I_F$)** | 30 Amperes | Total current handling capability |
| **Max Reverse Voltage ($V_{RRM}$)** | 200 Volts | Peak repetitive reverse voltage |
| **Configuration** | Dual / Common Cathode | Usually features two diodes in one package |
| **Package Type** | TO-220 or TO-247 | Standard power through-hole packages |
| **Forward Voltage ($V_F$)** | ~0.85V to 0.95V | Varies based on load and temperature |
---
### 2. Functional Characteristics
* **Low Power Loss:** Because it is a Schottky diode, it features a lower forward voltage drop compared to standard silicon diodes, leading to higher efficiency in power conversion.
* **High-Speed Switching:** It has negligible reverse recovery time ($t_{rr}$), making it ideal for high-frequency Switch Mode Power Supplies (SMPS).
* **Thermal Management:** The "DC" designation often refers to the internal dual-chip configuration (Common Cathode), which allows for balanced current distribution and easier heat sinking.
* **High Temperature Stability:** Designed to operate at junction temperatures up to 150°C or 175°C.
---
### 3. Circuit Applications
This component is commonly used in the secondary side (output rectification) of power delivery systems.
1. **Switch Mode Power Supplies (SMPS):** Used for rectifying high-frequency AC into DC.
2. **Solar Inverters:** Prevents reverse current flow from batteries to panels.
3. **DC-DC Converters:** Acts as a freewheeling diode or rectification element.
4. **Battery Chargers:** Provides high-current rectification with minimal heat generation.
---
### 4. Internal Schematic Representation
In most "DC" (Dual Cathode) configurations, the pinout is as follows:
```text
Pin 1: Anode 1
Pin 2: Cathode (Common)
Pin 3: Anode 2
[ A1 ] --|>|-- [ K ] --|<|-- [ A2 ]
```
---
- ⤷
What are the specific thermal resistance values for the HRT30L200DC-R package?
- ⤷ How does the forward voltage drop change as the operating temperature increases?
- ⤷ What is the recommended snubber circuit for this diode in high-frequency applications?