전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • HS1L-R44KMSR-R

  • AI
    ## HS1L-R44KMSR-R Electronic Component Overview The **HS1L-R44KMSR-R** is a high-performance **Solenoid Interlock Safety Switch** manufactured by **IDEC**. It is designed to ensure industrial machinery remains locked while hazardous processes are running and only unlocks when safe conditions are met. --- ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | IDEC | | **Series** | HS1L (Large Type) | | **Locking Mechanism** | Spring Lock (Power to Unlock) | | **Contact Configuration** | 4NC (Main) + 2NC (Monitor) | | **Solenoid Voltage** | 24V DC | | **Holding Force** | 3000N (Minimum) | | **Indicator Light** | LED (Red) | | **Connection Type** | M20 Conduit Entry | --- ### Key Electronic Components & Internal Logic The device functions through a combination of mechanical actuation and electronic sensing. Below are the primary electronic aspects: #### 1. Solenoid Control (The "Lock" Mechanism) The "R" designation in the part number indicates a **Spring Lock** model. * **Safety Logic:** The unit remains locked by mechanical spring pressure. * **Electronic Trigger:** To unlock, the 24V DC solenoid must be energized. This ensures that even in the event of a power failure, the guard remains locked (Fail-Safe). #### 2. Contact Arrangement This model features **six contacts** to provide redundant safety feedback to a Safety Relay or PLC: * **Main Contacts (4NC):** These are used to break the machine's power circuit directly or via a safety controller. * **Monitor Contacts (2NC):** These provide feedback on the status of the solenoid and the physical position of the actuator key. #### 3. Integrated LED Indicator * **Voltage:** Operates on 24V DC. * **Function:** Typically used to indicate the lock status (e.g., Red when locked/power is off). It helps operators visually confirm if the door is ready to be opened. #### 4. Dual-Channel Circuitry The "44" in the model number implies a complex contact configuration intended for **Category 4 / PLe** safety systems. It allows for dual-channel monitoring of both the door position and the lock status, preventing a single electronic fault from causing a loss of safety function. --- ### Wiring Diagram Concept To integrate this into an electronic control system, the wiring typically follows this structure: ```mermaid graph LR A[24V DC Source] --> B{Safety PLC/Relay} B --> C[Solenoid Terminal] B --> D[NC Safety Contacts] C --> E[Unlocks Guard] D --> F[Emergency Stop Logic] ``` --- ### Typical Applications * **Heavy Machinery:** Large CNC machines or presses with high inertia. * **Robotic Cells:** Where entry must be prevented until the robot has completely stopped. * **High-Force Environments:** The 3000N holding force is designed for heavy gates that might be subject to vibration or physical pressure.
    ✨ Follow-up Questions
    • ⤷ What is the difference between 'Spring Lock' and 'Solenoid Lock' in this series?
    • ⤷ How do I wire the LED indicator for a 24V DC control system?
    • ⤷ Does this model support OSSD (Output Signal Switching Device) outputs?