전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • HSP-1-R/C

  • AI
    The **HSP-1-R/C** (commonly associated with the **HSP 1/10 Scale RC Series**) refers to a platform of remote-controlled vehicles that utilize specific electronic components to manage power, steering, and signal processing. Below is a breakdown of the primary electronic parts found in these models. --- ### 1. Main Electronic Components The performance of an HSP RC car is dictated by these four core modules: | Component | Function | Common Specifications | | :--- | :--- | :--- | | **Electronic Speed Controller (ESC)** | Regulates the motor's speed and direction based on throttle input. | 45A - 60A (Brushed or Brushless) | | **Electric Motor** | Converts electrical energy into mechanical rotation. | 540 Brushed or 3300KV Brushless | | **Receiver (RX)** | Captures signals from the remote and distributes commands. | 2.4GHz 3-Channel | | **Steering Servo** | An actuator that turns the front wheels. | 3kg - 6kg High Torque | --- ### 2. The Power System (ESC & Motor) Depending on the specific version of the HSP-1-R/C (Brushed vs. Brushless), the electronics vary significantly: * **Brushed Setup:** Uses a simple ESC and a motor with internal carbon brushes. It is cost-effective but less efficient. * **Brushless Setup:** Uses a 3-wire system. The ESC is more complex, utilizing MOSFETs to pulse power to the motor coils, resulting in higher speeds and longer life. ### 3. Radio System (Transmitter & Receiver) Modern HSP models utilize the **2.4GHz frequency band**. This is critical for RC electronics because: * **Frequency Hopping:** It prevents interference from other RC drivers. * **Failsafe:** Most HSP receivers include a "Failsafe" function that stops the car if the signal is lost. ### 4. Battery and Connector Types The electronics are powered by one of two battery chemistries: ```markdown * Ni-MH (Nickel-Metal Hydride): 7.2V - Standard, safer, slower charging. * Li-Po (Lithium Polymer): 7.4V (2S) - High performance, constant voltage, requires specific chargers. ``` --- ### Summary of Wiring Architecture 1. **Battery** connects to the **ESC**. 2. **ESC** provides regulated power (BEC - Battery Eliminator Circuit) to the **Receiver**. 3. **Receiver** sends PWM (Pulse Width Modulation) signals to the **Servo** (Channel 1) and **ESC** (Channel 2). 4. **ESC** sends high-current power to the **Motor**.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a brushed and brushless motor in an HSP model?
    • ⤷ How do I bind a 2.4GHz transmitter to an HSP receiver?
    • ⤷ Can I upgrade my HSP-1-R/C to use Li-Po batteries if it came with Ni-MH?