전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • HT-10V331MG10EN-R2

  • AI
    Based on the part number **HT-10V331MG10EN-R2**, this electronic component is an **Aluminum Electrolytic Capacitor**. Specifically, it belongs to a surface-mount (SMD) series designed for general-purpose applications requiring high stability and low impedance. ### Technical Specification Breakdown The alphanumeric code can be broken down into specific electrical and physical parameters: | Component Code Segment | Description | Value/Detail | | :--- | :--- | :--- | | **HT** | Series Code | High Temperature / Standard SMD Series | | **10V** | Voltage Rating | 10 Volts DC (Maximum working voltage) | | **331** | Capacitance Code | 330 µF (33 + 1 zero) | | **M** | Tolerance | ±20% | | **G10** | Case Size Code | Typically 8mm x 10mm or 8.3mm x 10.5mm | | **EN** | Packaging/Internal Code | Standard Taping / Environmental compliance | | **R2** | RoHS / Revision | Lead-free, RoHS compliant | --- ### Key Features and Characteristics #### 1. Capacitance and Voltage With a capacitance of **330µF** and a rated voltage of **10V**, this capacitor is typically used for decoupling, filtering, and smoothing in low-voltage DC circuits (such as 3.3V or 5V rails). #### 2. Form Factor (SMD) The "V-Chip" style construction allows for automated SMT (Surface Mount Technology) assembly. The cylindrical aluminum body is mounted on a plastic base for stability during reflow soldering. #### 3. Polarity As an electrolytic capacitor, this is a **polarized** component. The negative terminal is usually marked with a dark stripe on the top of the aluminum casing. #### 4. Temperature Rating Parts in the "HT" or similar series are generally rated for an operating temperature range of **-40°C to +105°C**, making them suitable for industrial and consumer electronics. --- ### Common Applications * **Power Management:** Smoothing ripple current in DC-DC converters. * **Consumer Electronics:** Used in motherboards, monitors, and telecommunication devices. * **Bypass Filtering:** Removing noise from power supply lines to protect sensitive ICs.
    ✨ Follow-up Questions
    • ⤷What is the ripple current rating for the HT-10V331MG10EN-R2?
    • ⤷ What are the footprint dimensions for the G10 case size?
    • ⤷ Can this capacitor be used in a 12V circuit?