전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • HTB-28I-R

  • AI
    The **HTB-28I-R** is a high-performance, industrial-grade **rotary encoder** (typically an incremental type) designed for precise motion control, speed sensing, and position feedback in automation systems. Below is a detailed breakdown of its electronic components and technical specifications. --- ## 1. Core Electronic Specifications The performance of the HTB-28I-R is defined by its electrical interface and signal processing capabilities. | Parameter | Technical Detail | | :--- | :--- | | **Output Phase** | Usually A, B, and Z (Index pulse) | | **Supply Voltage (Vcc)** | Typically 5V DC or 8-24V DC (Model dependent) | | **Current Consumption** | ≤ 60mA | | **Output Type** | Push-Pull, Line Driver, or Open Collector | | **Resolution (PPR)** | Usually ranges from 100 to 2500 Pulses Per Revolution | | **Frequency Response** | Up to 100 kHz - 300 kHz | --- ## 2. Key Internal Components The HTB-28I-R functions through an integration of optical and electronic sub-assemblies: ### A. Photoelectric Detection System * **LED Light Source:** An infrared LED that emits a consistent beam of light. * **Code Disc:** A high-precision rotating disc with etched slits. As it rotates, it breaks the light beam. * **Photodetector Array:** High-speed photodiodes that convert light pulses into electrical current. ### B. Signal Processing Circuitry * **Comparator/Schmitt Trigger:** Squares off the analog waves from the photodiodes into clean square waves (TTL compatible). * **Output Driver IC:** Enhances the signal to ensure it can travel over long cables without significant degradation or EMI (Electromagnetic Interference) issues. --- ## 3. Wiring and Connection Interface The electronic connection usually involves a shielded cable to prevent noise interference. | Wire Color (Typical) | Signal Function | Description | | :--- | :--- | :--- | | **Red** | Vcc | Positive Power Supply | | **Black** | GND | Ground / 0V | | **White** | Phase A | Main pulse signal for speed/position | | **Green** | Phase B | 90° shifted signal to determine direction | | **Yellow** | Phase Z | Once-per-revolution index pulse | | **Shield** | FG | Frame Ground / Noise Protection | --- ## 4. Implementation Example (Microcontroller) To interface the HTB-28I-R with a controller like an Arduino or PLC, you typically use an interrupt-based code structure. ```cpp // Example: Reading HTB-28I-R Phase A on an Arduino const int encoderPinA = 2; volatile long pulseCount = 0; void setup() { pinMode(encoderPinA, INPUT_PULLUP); // Trigger on rising edge to count pulses attachInterrupt(digitalPinToInterrupt(encoderPinA), countPulse, RISING); } void countPulse() { pulseCount++; } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the Push-Pull and Line Driver output options for this model?
    • ⤷ How do I calculate the RPM based on the HTB-28I-R pulse output?
    • ⤷ What is the IP rating and environmental protection for the HTB-28I-R?