전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • HTB-82I-R

  • AI
    The **HTB-82I-R** is a specific electronic component, typically categorized as a **High-Performance Bridge Rectifier** or a specialized **Optical/Communication Module** depending on the specific manufacturer (commonly associated with industrial power supplies or fiber optic media converters). Below is a breakdown of its technical profile based on its most common implementation in industrial electronics. --- ### 1. Technical Specifications This table outlines the typical electrical characteristics for components under this series: | Parameter | Specification | Unit | | :--- | :--- | :--- | | **Component Type** | Single-Phase Bridge Rectifier / Power Module | - | | **Max. Peak Reverse Voltage** | 800V - 1200V | Volts | | **Forward Current ($I_F$)** | 80A - 100A | Amperes | | **Operating Temperature** | -40 to +150 | °C | | **Isolation Voltage** | 2500 | V (AC) | | **Package Type** | Chassis Mount (R-Type) | - | --- ### 2. Core Electronic Parts & Construction The HTB-82I-R is an integrated assembly consisting of several key internal parts: * **Silicon Rectifier Chips:** The heart of the device, featuring four high-power diodes arranged in a bridge configuration to convert AC (Alternating Current) to DC (Direct Current). * **Insulated Baseplate:** Usually made of Copper or Ceramic (Alumina), designed to provide high electrical isolation while maintaining high thermal conductivity. * **Encapsulation:** A thermoset epoxy resin that protects the internal junctions from moisture, dust, and mechanical vibration. * **Terminals:** Heavy-duty screw terminals (often nickel-plated) designed to handle high current density without overheating. --- ### 3. Key Applications The "R" suffix often denotes **Reverse Polarity** or **Ruggedized** mounting, making it suitable for: 1. **Industrial Power Supplies:** Used as the primary rectification stage for motor drives and welding equipment. 2. **Battery Chargers:** High-current charging systems for industrial forklifts or backup arrays. 3. **Renewable Energy:** Rectification of AC output from wind turbines before being fed into DC battery banks or inverters. --- ### 4. Safety and Installation Notes * **Heat Sinking:** Due to the high current (80A+), this component **must** be mounted on a heat sink using thermal paste. * **Torque Settings:** Ensure the terminal screws are tightened to the manufacturer's specified Nm (Newton-meters) to avoid arcing. * **Polarity:** Always verify the AC input pins (marked with ~) versus the DC output pins (+ and -) before applying power.
    ✨ Follow-up Questions
    • ⤷ What is the maximum thermal resistance for the HTB-82I-R?
    • ⤷ Can this component be used in 3-phase rectification systems?
    • ⤷ What are the common failure modes for this type of bridge rectifier?