전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • HTK-63V100MF61BQ-R2

  • AI
    The **HTK-63V100MF61BQ-R2** is a high-performance **Conductive Polymer Hybrid Aluminum Electrolytic Capacitor**. This specific component is designed for applications requiring high reliability, low ESR (Equivalent Series Resistance), and high voltage tolerance. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Capacitance** | 10 µF | | **Voltage Rating** | 63 VDC | | **Tolerance** | ±20% (M) | | **Technology** | Hybrid (Liquid Electrolyte + Polymer) | | **Case Size (D x L)** | 6.3 mm x 6.1 mm (F61) | | **Temperature Range** | -55°C to +125°C | | **Endurance** | 4,000 hours at 125°C | | **Mounting Type** | Surface Mount (SMD) | --- ### 2. Deep Dive into the Technology #### Hybrid Construction Unlike standard aluminum capacitors, "Hybrid" versions use a combination of a liquid electrolyte and a solid conductive polymer. This provides several advantages: * **Low ESR:** The polymer significantly reduces internal resistance, improving efficiency in high-frequency switching. * **High Ripple Current:** It can handle higher AC currents without overheating compared to standard electrolytic types. * **Self-Healing:** The liquid electrolyte provides a self-healing mechanism for the dielectric layer, enhancing long-term reliability. #### Part Number Breakdown (Typical HTK Series) * **HTK:** Series name (High-temperature, long-life hybrid series). * **63V:** Rated Voltage (Maximum continuous voltage). * **100:** Capacitance value (100 represents $10 \times 10^0 = 10 \mu F$). * **M:** Tolerance (±20%). * **F61:** Case size code (6.3mm diameter). * **R2:** Packaging/Tape & Reel designation. --- ### 3. Common Applications Due to its high temperature rating and stability, this part is commonly found in: 1. **Automotive Electronics:** Engine control units (ECUs), ADAS sensors, and LED lighting drivers. 2. **Industrial Power Supplies:** DC/DC converters and smoothing circuits in harsh environments. 3. **Telecom Infrastructure:** High-efficiency base station power modules. --- ### 4. Comparison Table: Standard vs. Hybrid | Feature | Standard Aluminum | Hybrid (HTK Series) | | :--- | :--- | :--- | | **ESR** | High | Very Low | | **Life Span** | Moderate | Excellent (High Temp) | | **Stability** | Fluctuates with Temp | Very Stable | | **Cost** | Low | Higher |
    ✨ Follow-up Questions
    • ⤷What is the ripple current rating for the HTK-63V100MF61BQ-R2?
    • ⤷ Can this capacitor be used in automotive AEC-Q200 qualified designs?
    • ⤷ What are the recommended reflow soldering profiles for this SMD package?