전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • HTK-63V101MHC5EQ-R2

  • AI
    The part number **HTK-63V101MHC5EQ-R2** refers to a high-performance **Conductive Polymer Hybrid Aluminum Electrolytic Capacitor**. These capacitors are designed to combine the low ESR (Equivalent Series Resistance) of conductive polymers with the high voltage and reliability of liquid electrolytes. --- ## 1. Technical Specifications Based on the standard nomenclature for this series, here are the primary technical characteristics: | Property | Value / Description | | :--- | :--- | | **Capacitance** | 100 µF (indicated by `101`) | | **Voltage Rating** | 63V DC | | **Tolerance** | ±20% (indicated by `M`) | | **Technology** | Hybrid (Conductive Polymer + Electrolyte) | | **Temperature Range** | -55°C to +125°C | | **Mounting Type** | Surface Mount (SMD) | | **Endurance** | Typically 4,000 hours at 125°C | --- ## 2. Key Features & Benefits Hybrid capacitors like the HTK series offer several advantages over standard electrolytic or pure polymer capacitors: * **Low ESR:** Provides excellent ripple current handling and efficiency in power conversion. * **High Reliability:** The hybrid design offers a "self-healing" mechanism for the dielectric layer, reducing the risk of short-circuit failures. * **Temperature Stability:** Maintains stable capacitance and ESR values across a wide temperature range, which is critical for automotive and industrial applications. * **Voltage Robustness:** Unlike pure polymer capacitors which struggle at higher voltages, hybrid types comfortably handle 63V and above. --- ## 3. Application Areas This specific component is commonly found in demanding environments where space is limited but performance must be high: 1. **Automotive Electronics:** Power steering units, LED lighting drivers, and DC/DC converters in electric vehicles (EVs). 2. **Industrial Power Supplies:** Smoothing and filtering in high-efficiency switching power supplies. 3. **Telecommunications:** Base station power modules where long-term reliability and heat resistance are mandatory. --- ## 4. Part Number Breakdown (Typical) | Code Segment | Meaning | | :--- | :--- | | **HTK** | Series identifier (High Temperature/Long Life Hybrid) | | **63V** | Rated Voltage (63 Volts) | | **101** | Capacitance (10 followed by 1 zero = 100µF) | | **M** | Tolerance (±20%) | | **HC5** | Case Size code (e.g., 8x10mm or similar) | | **EQ** | Special characteristics/Internal code | | **R2** | Packaging code (typically Tape & Reel) |
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions of the HC5 case size?
    • ⤷ How does a hybrid capacitor compare to a standard MLCC in power applications?
    • ⤷ What is the maximum ripple current rating for this specific capacitor?