전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • HTS-0F-R

  • AI
    The **HTS-0F-R** is a specialized high-temperature humidity and temperature sensor module. It is widely used in industrial applications where standard sensors would fail due to heat or chemical exposure. --- ### 1. Technical Specifications The HTS-0F-R is characterized by its robust thermal profile and resistive sensing technology. | Parameter | Specification | | :--- | :--- | | **Sensing Principle** | Resistive (Polymer-based) | | **Operating Humidity Range** | 20% to 95% RH | | **Operating Temperature** | -20°C to +120°C | | **Accuracy (Humidity)** | ±5% RH (at 25°C) | | **Response Time** | < 60 seconds | | **Standard Frequency** | 1kHz (AC drive recommended) | --- ### 2. Core Electronic Components The device is not just a single component but a composite of specific materials and electrical interfaces: * **Resistive Humidity Element:** The "Heart" of the sensor. It utilizes a humidity-sensitive polymer layer. As water molecules are absorbed, the ionic conductivity increases, lowering the electrical resistance. * **Temperature Compensation (Thermistor):** To provide accurate RH readings across its wide temperature range, it is usually paired with a high-precision NTC thermistor to compensate for the thermal drift of the humidity element. * **Substrate:** Typically a ceramic or high-grade polymer substrate capable of withstanding temperatures up to 120°C without outgassing or warping. * **Lead Wires:** High-temperature resistant wires (often Teflon or silicone coated) to prevent melting at the upper limits of the operating range. --- ### 3. Electrical Driving Requirements Unlike simple digital sensors (like the DHT22), the HTS-0F-R requires specific signal conditioning: * **AC Drive:** Resistive humidity sensors should **never** be driven with Direct Current (DC), as this causes polarization of the polymer and permanent damage. A square wave or sine wave (approx. 1kHz) is required. * **Impedance Conversion:** Because the resistance changes exponentially (from several Mega-ohms to Kilo-ohms), the circuit usually requires an Op-Amp-based impedance converter or a specialized IC like the **LM324** or **555 timer** in astable mode to convert resistance to frequency. ### 4. Application Use Cases * **Industrial Drying:** Monitoring moisture levels in kilns or ovens. * **HVAC Systems:** High-reliability climate control in demanding environments. * **Appliances:** Steam ovens and dishwashers where high heat and humidity coexist. ---
    ✨ Follow-up Questions
    • ⤷ How do you convert the HTS-0F-R resistive output to a digital signal for an Arduino?
    • ⤷ Why is an AC drive preferred over a DC drive for this specific sensor?
    • ⤷ What are the common failure modes of the HTS-0F-R in high-chemical environments?