전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • HTS-0F-R/BN

  • AI
    The **HTS-0F-R/BN** is a specific electronic component, typically categorized as a **Terminal Block** or **Connector Accessory**, often used in industrial control systems and panel wiring. Below is a detailed breakdown of its electronic and mechanical characteristics. --- ### 1. Component Overview The HTS series generally refers to high-density or specialized terminal interfaces. The "BN" suffix often denotes a specific mounting style (like Barrier Strip or Button-style) or a color/material variant depending on the manufacturer (commonly associated with brands like **Dinkle** or **IDEK**). ### 2. Technical Specifications While exact specs can vary by manufacturer, the following table represents the standard technical profile for this type of part: | Feature | Specification (Typical) | | :--- | :--- | | **Part Type** | Terminal Block / Interface Module | | **Current Rating** | 10A - 20A (Application dependent) | | **Voltage Rating** | 300V - 600V AC/DC | | **Wire Gauge** | 12 AWG to 22 AWG | | **Connection Type** | Screw Terminal or Spring Clamp | | **Mounting Type** | DIN Rail or Panel Mount | | **Housing Material** | Polyamide (PA66) / UL 94V-0 | --- ### 3. Key Electronic Features * **Insulation Resistance:** Designed with high-grade dielectric materials to prevent arcing between adjacent terminals, even in high-voltage industrial environments. * **Conductivity:** The internal busbars are usually made of **Tin-plated Copper or Brass**, ensuring low contact resistance and preventing oxidation. * **R/BN Designation:** * **R:** Often signifies "Rail" mount compatibility (DIN Rail). * **BN:** Can signify a "Barrier" type construction, which provides physical separation between wires to prevent short circuits. --- ### 4. Application Areas This part is commonly found in the following electronic assemblies: 1. **PLC Control Panels:** Used to bridge external field wiring to internal Programmable Logic Controller inputs/outputs. 2. **Power Distribution:** Distributing low-voltage DC or AC power within a machine cabinet. 3. **HVAC Systems:** Used in heavy-duty relay logic and motor control circuits. --- ### 5. Wiring Diagram Logic In an electronic circuit, the HTS-0F-R/BN acts as a passive node. Its schematic representation is usually a series of interconnected points: ```text [Field Side Wire] ----> [HTS-0F-R/BN Terminal] ----> [Internal Control Wire] (Input) (Physical Bridge) (Output) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the HTS-0F-R/BN?
    • ⤷ Is this component compatible with standard 35mm DIN rails?
    • ⤷ Does the 'R' in the part number refer to RoHS compliance?