전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • HTS-2B-R

  • AI
    The **HTS-2B-R** is a specialized high-voltage electronic component, specifically a **High-Voltage Trigger Transformer**. These parts are primarily used to initiate a high-intensity discharge in flash tubes or gas-discharge lamps. --- ### 1. Key Technical Specifications The HTS-2B-R is designed to convert a low-energy pulse into a high-voltage spike. | Parameter | Typical Value / Range | | :--- | :--- | | **Primary Voltage** | 200V - 300V | | **Secondary (Trigger) Voltage** | 6kV - 10kV | | **Input Capacitance** | 0.047µF - 0.1µF | | **Output Polarity** | Negative or Positive (Circuit dependent) | | **Application** | Xenon Flash Tubes, Strobe Lights | --- ### 2. Core Electronic Characteristics The device operates on the principle of electromagnetic induction. Below are the functional electronic aspects: * **Turn Ratio:** It has a very high turns ratio (usually around 1:30 or higher). This allows it to step up a standard capacitor discharge (300V) to the several kilovolts required to ionize xenon gas. * **Insulation (Dielectric Strength):** Because the output reaches 6,000V+, the internal windings are encapsulated in high-grade epoxy or plastic to prevent internal arcing. * **Pulse Duration:** It is designed for **transient** operation. It cannot handle a continuous AC load; it is meant to discharge stored energy in microseconds. --- ### 3. Circuit Integration In a standard electronic circuit, the HTS-2B-R is positioned between a trigger capacitor and the flash tube. #### Standard Wiring Diagram (Conceptual) 1. **Primary Side:** Connected to a Trigger Capacitor (C) and a Thyristor (SCR) or Switch. 2. **Secondary Side:** One lead is common (Ground); the high-voltage lead is wrapped around or connected to the **Trigger Electrode** of a flash tube. ```mermaid graph LR A[Trigger Capacitor] --> B[HTS-2B-R Primary] B --> C[SCR/Switch] D[HTS-2B-R Secondary] --> E[Flash Tube Trigger Wire] ``` --- ### 4. Common Applications * **Photography:** Used in external camera flashes and studio strobe lights. * **Warning Lights:** Found in emergency vehicle light bars and aviation obstruction lighting. * **Industrial:** Used in high-speed timing lights and laser pumping circuits.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the HTS-2B-R?
    • ⤷ Can this transformer be used for continuous arc generation?
    • ⤷ What size capacitor is recommended for the primary input?