전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • HTS-44-R

  • AI
    The **HTS-44-R** is a specific type of high-performance **Heat Sink** or **Thermal Management component**, typically used in electronic assemblies to dissipate heat from power-intensive devices like transistors, SCRs, or power modules. Below is a breakdown of its technical and electronic characteristics. --- ### 1. Technical Specifications The HTS-44-R is designed for high thermal conductivity. While exact specs can vary by specific manufacturer (such as Aavid or Wakefield-Vette), the standard "HTS" series generally follows these parameters: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum Alloy (usually 6063-T5) | | **Finish** | Black Anodized (standard) or Degreased | | **Mounting Style** | Bolt-on / Screw Mount | | **Thermal Resistance** | Typically ranges from 1.5°C/W to 3.0°C/W (Airflow dependent) | | **RoHS Compliant** | Yes (indicated by the "-R" suffix) | --- ### 2. Electronic Functionality The HTS-44-R serves as a passive cooling component. Its electronic importance lies in **Thermal Resistance ($\theta$)** management. * **Heat Dissipation:** It increases the surface area of the electronic component it is attached to, allowing heat to transfer more efficiently into the surrounding air. * **Operating Stability:** By keeping the junction temperature ($T_j$) of a semiconductor low, the HTS-44-R prevents "Thermal Runaway," a condition where increased heat leads to increased current, eventually destroying the part. * **Safety Margin:** It allows electronic components (like a TO-220 or TO-247 package) to operate at their maximum rated power without exceeding safe temperature limits. --- ### 3. Application Examples The HTS-44-R is commonly found in the following electronic circuits: 1. **Power Supplies:** Cooling voltage regulators (e.g., LM7805) and switching transistors. 2. **Motor Controllers:** Managing heat from H-Bridge MOSFETs. 3. **Audio Amplifiers:** Dissipating heat from Class AB or Class D output stages. 4. **LED Drivers:** Cooling high-wattage COB (Chip on Board) LEDs. --- ### 4. Mounting & Installation Code The "44" in the part number often refers to the physical dimensions or the specific hole pattern drilled into the sink. ```markdown Typical Installation Sequence: 1. Apply Thermal Paste (TIM) to the component backing. 2. Align the HTS-44-R mounting hole with the component hole. 3. Secure with an M3 or 4-40 screw. 4. Ensure the fins are oriented vertically for natural convection. ```
    ✨ Follow-up Questions
    • ⤷ What is the exact thermal resistance of the HTS-44-R under forced air cooling?
    • ⤷ Which semiconductor package sizes (e.g.
    • ⤷ TO-220
    • ⤷ TO-3) is this heat sink compatible with?
    • ⤷ Does the 'R' suffix always denote RoHS compliance in this series?