HTS-54-R/
AI

The **HTS-54-R** is a high-performance, precision-engineered **rotary sensor** (often a potentiometer or hall-effect device depending on the specific manufacturer series) designed primarily for industrial control, medical equipment, and aerospace applications.
---
## ๐ ๏ธ Technical Specifications & Components
The "HTS" series typically refers to **Hollow Through-Shaft** designs, allowing cables or other mechanical components to pass through the center of the sensor.
### 1. Key Component Overview
| Component | Description |
| :--- | :--- |
| **Housing** | Ruggedized aluminum or high-grade plastic for EMI shielding. |
| **Resistive Element** | Conductive plastic or Cermet (Ceramic-Metal) for high durability. |
| **Wiper Assembly** | Multi-finger precious metal contacts to minimize electrical noise. |
| **Through-Hole** | 5.4mm or specific diameter (indicated by the '54') for shaft mounting. |
### 2. Electrical Characteristics
* **Resistance Range:** Typically available from $1k\Omega$ to $100k\Omega$.
* **Linearity:** Standard linearity is often $\pm 0.5\%$ to $\pm 2\%$.
* **Power Rating:** Usually rated at $0.5W$ to $2.0W$ at $70^\circ C$.
* **Electrical Travel:** Often $340^\circ$ to $360^\circ$ continuous rotation.
---
## ๐๏ธ Internal Architecture
The electronic functionality of the HTS-54-R relies on three main stages:
### A. Input Stage
The device is powered via a regulated DC voltage (typically 5V or 10V). Because it is a passive component (if potentiometer-based), it acts as a voltage divider.
### B. Sensing Mechanism
1. **Mechanical Rotation:** As the hollow shaft turns, it moves the internal wiper.
2. **Voltage Division:** The wiper picks up a voltage proportional to the mechanical angle of the shaft.
3. **Output Signal:** The signal is routed through low-resistance terminals to the controller (PLC or Microcontroller).
### C. Protection Features
* **Sealing:** Often rated IP50 or IP65 to prevent dust ingress from affecting the resistive track.
* **Temperature Compensation:** Designed to maintain accuracy across a wide range ($-55^\circ C$ to $+125^\circ C$).
---
## ๐ป Wiring Configuration
Most HTS-54-R units follow a standard 3-pin potentiometer layout:
```yaml
Pin 1: Input Voltage (Vcc)
Pin 2: Output Signal (Wiper)
Pin 3: Ground (GND)
```
---
## ๐ Common Applications
* **Robotics:** Joint angle sensing where wiring must pass through the limb.
* **Medical:** Positioning for imaging tables or surgical arms.
* **Industrial:** Tension control in web handling or valve position feedback.
- โคท
What are the specific mounting tolerances for the HTS-54-R through-shaft?
- โคท How does the 'R' suffix in the part number affect the rotation direction or resistance?
- โคท Can this sensor be interfaced directly with an Arduino or PLC?