전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • HTS-6F-R/BL

  • AI
    The **HTS-6F-R/BL** is typically identified as a specialized **Electronic Hardware Component**, specifically a Hexagonal Threaded Standoff or a specific connector housing variant, depending on the manufacturer (commonly associated with hardware brands like Richco or Essentra). Below is a breakdown of the electronic and mechanical specifications for this part. --- ### 1. General Specifications The part number follows a standardized coding system for industrial electronic hardware. | Feature | Specification | | :--- | :--- | | **Part Type** | Hexagonal Threaded Standoff / Spacer | | **Material** | Nylon 6/6 (Standard for electronics) | | **Flame Class** | UL94 V-2 or UL94 V-0 | | **Color** | Black (Indicated by the "BL" suffix) | | **Mounting Type** | Threaded (Internal/External or Internal/Internal) | --- ### 2. Material & Electrical Properties Because these parts are used to separate Printed Circuit Boards (PCBs) from metal chassis, their electrical properties are critical. * **Dielectric Strength:** Nylon 6/6 provides excellent insulation, preventing short circuits between stacked PCBs. * **Chemical Resistance:** Resistant to common cleaning solvents used in PCB assembly (like Isopropyl Alcohol). * **Thermal Stability:** Typically rated for continuous use up to **85°C (185°F)**. --- ### 3. Component Breakdown (Naming Convention) While specific to the manufacturer, the nomenclature usually breaks down as follows: | Segment | Meaning | | :--- | :--- | | **HTS** | **H**exagonal **T**hreaded **S**tandoff | | **6** | Usually refers to the thread size (e.g., #6-32 or Metric M6) | | **F** | Female threading (internal) | | **R** | RoHS Compliant (Lead-free and environmentally safe) | | **BL** | **B**lack finish/material | --- ### 4. Common Applications * **PCB Stacking:** Maintaining a fixed distance between two parallel circuit boards. * **Chassis Mounting:** Insulating the underside of a high-voltage board from a metal enclosure. * **Cable Management:** Acting as a post for routing wires away from heat-generating components. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific thread dimensions for the '6' size in this part number?
    • ⤷ Can this component be used in high-temperature environments above 100°C?
    • ⤷ Is there a metal-core version of the HTS-6F for better grounding?