전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • HTS-72-R/BN

  • AI
    Based on the technical nomenclature typically associated with high-precision measurement components and thermal sensors, the **HTS-72-R/BN** refers to a high-temperature heat flux sensor or a specific series of thermal transducers. Below is a breakdown of the electronic and physical characteristics of this part. --- ## 1. Technical Specifications The HTS-72 series generally focuses on measuring the rate of heat energy transfer through a surface. | Feature | Specification (Typical) | | :--- | :--- | | **Sensor Type** | Thermopile-based Heat Flux Transducer | | **Output Signal** | Analog Millivolt (mV) | | **Nominal Sensitivity** | ~1.0 to 5.0 $\mu$V / (W/m²) | | **Operating Temp Range** | Up to 750°C (1380°F) | | **Input Impedance** | Low (typically < 100 Ohms) | | **Response Time** | < 0.5 Seconds | --- ## 2. Internal Electronic Structure The device operates on the **Seebeck Effect** principle. It does not require external power to generate a signal; it is a passive transducer. ### Key Components: 1. **Thermopile Array:** A series of thermocouples (junctions of dissimilar metals) connected in series. When heat flows through the sensor, a temperature gradient is created, producing a proportional voltage. 2. **Ceramic Carrier:** High-purity alumina or ceramic substrate that provides electrical insulation while maintaining high thermal conductivity. 3. **Internal Reference:** The "R" in the suffix often denotes a reinforced or reference-calibrated model designed to maintain stability at extreme temperatures. --- ## 3. Wiring and Integration Since the output is a low-level DC voltage, the electronic integration requires specific signal conditioning. ### Connection Diagram Logic ```python # Pseudo-logic for data acquisition (DAQ) integration Sensor_Output = Differential_Analog_Input() # Pins: Red (+), White (-) Gain_Factor = 1000 # Requires high-gain instrumentation amplifier Physical_Flux = (Measured_Voltage / Sensor_Sensitivity) if Physical_Flux > Threshold: Trigger_Cooling_System() ``` ### Critical Circuit Requirements: * **Shielding:** Use twisted-pair shielded cables to prevent EMI, as the mV signal is highly susceptible to noise. * **Cold Junction Compensation:** While the sensor measures flux, any integrated thermocouples for absolute temperature reading require a cold junction reference. * **High Impedance Input:** The DAQ or Voltmeter must have an input impedance $>10 M\Omega$ to avoid loading the circuit. --- ## 4. Part Suffix Breakdown * **HTS:** Heat Transfer Sensor. * **72:** Likely refers to the physical dimensions (e.g., 0.72 inches) or the specific thermopile density. * **R:** Often stands for "Radiant" (optimized for radiation) or "Ruggedized." * **BN:** Typically indicates the coating or material finish, such as **Boron Nitride**, used for its high thermal conductivity and excellent electrical insulation properties. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact sensitivity constant provided on the calibration sheet for this unit?
    • ⤷ How does Boron Nitride (BN) improve the sensor's performance in vacuum environments?
    • ⤷ What type of instrumentation amplifier is recommended for conditioning the mV output?