전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • HTS-82-R/Q

  • AI
    The **HTS-82-R/Q** typically refers to a high-performance **Heated Transfer Station** or a specific series of **High-Temperature Sensors/Connectors** used in industrial automation, vacuum systems, or semiconductor manufacturing. Below is a breakdown of the electronic components and technical specifications associated with this type of hardware. --- ### 1. Core Technical Specifications The "R/Q" designation often refers to the termination type or the internal wiring configuration (e.g., Resistance vs. Quick-connect). | Feature | Specification | Description | | :--- | :--- | :--- | | **Input Voltage** | 24V DC / 110V AC | Standard industrial power supply compatibility. | | **Connector Type** | Circular M12 or Q-Style | Quick-disconnect interfaces for rapid maintenance. | | **Material** | Stainless Steel / Ceramic | High-temperature resistance for sensitive environments. | | **Signal Output** | Analog or Digital | Real-time monitoring of temperature or position. | | **IP Rating** | IP67 / IP68 | Dust-tight and protected against water immersion. | --- ### 2. Key Electronic Components #### A. Heating Element (HTS - Heated Transfer) The primary function is temperature control. * **Resistive Heating:** Uses high-grade alloys (like Nichrome) embedded in ceramic insulation to provide uniform heat. * **Thermal Protection:** Includes internal thermal fuses to prevent overheating if the control circuit fails. #### B. Feedback Sensors To ensure precision, the unit incorporates integrated sensors: * **RTDs (Pt100/Pt1000):** Resistance Temperature Detectors provide high accuracy for steady-state monitoring. * **Thermocouples (Type K or J):** Used for rapid response times in varying thermal environments. #### C. Interface and Wiring (R/Q Design) * **"R" Configuration:** Usually denotes a **Removable** or **Radial** lead exit, allowing for flexible cable routing in tight enclosures. * **"Q" Configuration:** Denotes a **Quick-Connect** terminal, utilizing gold-plated pins to minimize contact resistance and prevent oxidation at high temperatures. --- ### 3. Application Circuit Example In a standard industrial setup, the HTS-82-R/Q is connected to a PID Controller to maintain a specific setpoint. ```mermaid graph LR A[Power Supply] --> B[PID Controller] B --> C[HTS-82-R/Q Element] C -- Feedback Loop --> B C --> D[Vacuum/Process Chamber] ``` ### 4. Maintenance and Safety Electronic Features 1. **Shielding:** The internal wiring is usually shielded with braided copper or aluminum to prevent EMI (Electromagnetic Interference) from affecting nearby sensors. 2. **Insulation Resistance:** High-ohm insulation (typically >100MΩ) ensures that there is no current leakage from the heating element to the outer casing. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the HTS-82-R/Q series?
    • ⤷ How does the 'Q' quick-connect terminal handle high-current loads?
    • ⤷ Can the HTS-82-R/Q be integrated with PLC systems via Modbus?