전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • HTS-NF-R/Q

  • AI
    The **HTS-NF-R** and **HTS-NF-Q** are part of the **HTS series** of industrial-grade proximity sensors (frequently associated with brands like HIBEST or similar pneumatic/automation manufacturers). These are magnetic reed switches typically used to detect the position of pistons within pneumatic cylinders. ### 1. Key Technical Specifications The main difference between the "R" and "Q" suffixes usually relates to the **connector type** or **internal switching logic** (Reed vs. Solid State). | Parameter | HTS-NF-R (Reed Type) | HTS-NF-Q (Electronic/NPN) | | :--- | :--- | :--- | | **Switching Logic** | SPST (Normally Open) | Solid State (NPN or PNP) | | **Sensor Type** | Magnetic Reed Switch | Magnetoresistive (GMR/Hall) | | **Operating Voltage** | 5V - 240V AC/DC | 10V - 30V DC | | **Switching Capacity** | Max 10W | Max 4W | | **Voltage Drop** | 2.5V Max | 0.5V - 1.5V Max | | **Indicator Lamp** | Red LED | Red or Green LED | | **Cable Type** | 2-Wire (Usually) | 3-Wire (Usually) | --- ### 2. Internal Electronic Components These sensors are encapsulated in a plastic housing with specific internal circuitry: #### A. The Sensing Element * **For HTS-NF-R:** Contains a **Reed Switch**. This consists of two ferromagnetic blades in a glass envelope that close physically when a magnetic field (from the cylinder piston) is present. * **For HTS-NF-Q:** Contains a **Solid State Sensor** (Hall Effect or GMR). It uses a semiconductor to detect magnetic flux, offering a much higher switching frequency and no moving parts. #### B. Protection Circuitry * **Varistor/Zener Diode:** Used to protect the switch from voltage spikes (EMF) caused by inductive loads. * **Current Limiting Resistor:** Protects the internal LED. #### C. Indicators * **LED:** Integrated into the transparent part of the housing to provide visual confirmation of the "ON" state. --- ### 3. Wiring Configuration #### 2-Wire (HTS-NF-R) Commonly used in series with a load. ```mermaid [Power +] ---- [Brown Wire] ---- [Sensor] ---- [Blue Wire] ---- [Load] ---- [Power -] ``` #### 3-Wire (HTS-NF-Q) Standard NPN or PNP configuration. * **Brown:** V+ (10-30V DC) * **Blue:** 0V (GND) * **Black:** Output Signal (to PLC or Relay) --- ### 4. Comparison of Performance | Feature | Reed (R) | Electronic (Q) | | :--- | :--- | :--- | | **Life Span** | Finite (mechanical wear) | Virtually infinite | | **Switching Speed** | Slower (~1ms) | Very Fast (<0.1ms) | | **Vibration Resistance** | Moderate | High | | **Voltage Range** | Very Wide | Narrow (DC Only) | ---
    ✨ Follow-up Questions
    • ⤷ What are the specific mounting bracket options for the HTS-NF series?
    • ⤷ How do I troubleshoot a sensor where the LED stays on constantly?
    • ⤷ Can the HTS-NF-R be used directly with a 240V AC PLC input?