전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • HVF-35W-R

  • AI
    The **HVF-35W-R** is a high-performance, ultra-compact DC-DC converter, typically categorized as a high-voltage isolation or high-frequency power module. It is frequently used in industrial automation, medical equipment, and telecommunications. Below is a breakdown of its electronic components, specifications, and architecture. --- ### 1. Key Technical Specifications The "HVF" series is known for high power density and reliable thermal management. | Parameter | Specification (Typical) | | :--- | :--- | | **Input Voltage Range** | 18V - 36V DC (Standard 24V input) | | **Output Power** | 35 Watts | | **Isolation Voltage** | 1500V - 3000V DC (Model dependent) | | **Efficiency** | Up to 88% - 92% | | **Form Factor** | Compact Brick / Through-hole PCB Mount | | **Operating Temp** | -40°C to +85°C | --- ### 2. Internal Electronic Architecture The HVF-35W-R utilizes several critical electronic sub-systems to manage power conversion: #### A. Input Filtering & Protection * **EMI Filter:** Internal capacitors and inductors to reduce electromagnetic interference. * **TVS Diodes:** Provides surge protection against voltage spikes. * **Soft-Start Circuit:** Limits inrush current during startup to prevent damage to upstream components. #### B. Switching Topology * **PWM Controller:** A Pulse Width Modulation IC regulates the output by varying the duty cycle of the high-frequency switch. * **MOSFETs:** Low $R_{DS(on)}$ Field Effect Transistors are used as switches to minimize heat loss during the DC-AC conversion phase. #### C. Isolation & Transformation * **Planar Transformer:** Unlike bulky wire-wound transformers, these use PCB traces as windings. This allows for a lower profile and better thermal dissipation. * **Optocoupler:** Provides feedback from the output side to the input side while maintaining electrical isolation (preventing high voltage from reaching the control logic). #### D. Output Rectification * **Synchronous Rectification:** Uses MOSFETs instead of standard diodes on the output stage to significantly reduce voltage drops and improve efficiency. * **LC Filter:** A combination of Inductors (L) and Capacitors (C) to smooth the output ripple and noise. --- ### 3. Pin Configuration (Common Layout) *The following is a standard representation for 35W brick-style converters:* | Pin Number | Designation | Function | | :--- | :--- | :--- | | 1 | +Vin | Positive Input Voltage | | 2 | -Vin | Negative Input Voltage / Ground | | 3 | Remote ON/OFF | Control pin to enable/disable the module | | 4 | +Vout | Positive Output Voltage | | 5 | -Vout | Output Return | | 6 | Trim | Allows adjustment of output voltage via external resistor | --- ### 4. Implementation Example To integrate this part into a circuit, a basic C-L-C (Pi) filter is recommended on the input side to meet strict EMC standards. ```cpp // Example: Logic for controlling the Remote ON/OFF pin via Microcontroller const int pwr_pin = 5; void setup() { pinMode(pwr_pin, OUTPUT); } void loop() { digitalWrite(pwr_pin, HIGH); // Enable HVF-35W-R delay(10000); digitalWrite(pwr_pin, LOW); // Disable to save power } ```
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal cooling requirements for the HVF-35W-R under full load?
    • ⤷ Can this module be used in parallel with another for 70W output?
    • ⤷ What is the typical output ripple and noise specification for this part?