HVF-3V-R
AI

The **HVF-3V-R** is an electronic component primarily associated with **NIDEC COPAL ELECTRONICS** (or sometimes generic industrial suppliers). It is a specialized **Pressure Switch** or **Vacuum Switch** designed for high-vacuum applications and precision industrial sensing.
Below is a detailed breakdown of its electronic and physical specifications.
---
## 1. Product Overview
The HVF-3V-R belongs to a category of pressure switches used to monitor vacuum levels in semiconductor manufacturing, medical equipment, and automation systems.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Vacuum Pressure Switch |
| **Sensing Principle** | Diaphragm / Semiconductor Strain Gauge |
| **Output Type** | NPN or PNP Open Collector (model dependent) |
| **Housing Material** | Polycarbonate / Stainless Steel Interface |
---
## 2. Key Electronic Specifications
The "3V" in the model number typically indicates the pressure range, while the "R" often signifies the output configuration or mounting style.
### A. Electrical Characteristics
* **Supply Voltage:** Usually operates between **12V to 24V DC** (tolerance ±10%).
* **Current Consumption:** Low power consumption, typically **< 30mA**.
* **Switch Output:** Transistor output capable of switching up to 80mA–100mA loads.
* **Response Time:** Fast response, usually **< 5ms**, ensuring rapid feedback in automated lines.
### B. Pressure Sensing Range
* **Vacuum Range:** Optimized for negative pressure, often ranging from **0 to -101.3 kPa** (roughly -1 bar).
* **Hysteresis:** Fixed or adjustable (depending on the specific internal trim), usually around 1-3% of the full scale.
---
## 3. Pinout and Connection Wiring
Most HVF series switches use a 3-wire system. Standard wiring colors follow industrial norms:
| Wire Color | Function | Description |
| :--- | :--- | :--- |
| **Brown** | Vcc (+) | Positive Power Supply (12-24V DC) |
| **Blue** | 0V (-) | Ground / Negative Rail |
| **Black** | Output | Signal line (Connects to PLC or Relay) |
---
## 4. Internal Construction
The device consists of three main electronic subsections:
1. **Sensing Element:** A micro-machined silicon diaphragm that flexes under vacuum pressure.
2. **Signal Conditioner:** An internal Op-Amp circuit that converts the minute resistance change of the sensor into a measurable voltage.
3. **Comparator/Switching Circuit:** A circuit that compares the voltage against a set threshold (potentiometer-adjusted) to trigger the output transistor.
---
## 5. Applications
* **Pick-and-Place Machines:** To verify if a vacuum suction cup has successfully grabbed a component.
* **Leak Detection:** Monitoring pressure decay in sealed chambers.
* **Semiconductor Processing:** Controlling vacuum environments in wafer handling.
- ⤷
What is the exact pressure range for the HVF-3V-R model?
- ⤷ Does this component require an external controller or is it a standalone switch?
- ⤷ Can you provide the wiring diagram for connecting this to an Arduino or PLC?