전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • HVF-4W6-R

  • AI
    The **HVF-4W6-R** is a specific electronic component, typically categorized as a **High-Voltage, High-Frequency Power Resistor** (often associated with brands like EBG Resistors or Ohmite). These components are designed for high-precision measurement and power dissipation in demanding environments. --- ## 1. Technical Specifications Below is a summary of the typical technical parameters for the HVF series (specifically the 4W6-R configuration): | Parameter | Specification (Typical) | | :--- | :--- | | **Type** | Thick Film High Voltage Resistor | | **Power Rating** | 4.0 Watts (at 70°C) | | **Voltage Rating** | Up to 10,000V (10kV) - 15,000V (15kV) | | **Tolerance** | ±0.5% to ±5% (standard depends on "R" suffix) | | **Resistance Range** | 100Ω to 10GΩ (specific to custom order) | | **Temperature Coefficient** | ±100 ppm/°C (Standard) | | **Mounting Type** | Through-hole (Radial or Axial leads) | --- ## 2. Key Internal Components & Materials To handle high voltage without arcing or failure, the HVF-4W6-R utilizes specialized materials: * **Substrate:** High-purity **Alumina (Al2O3)** ceramic core for superior thermal conductivity and electrical insulation. * **Resistive Element:** A proprietary **Thick Film** ruthenium-based paste screen-printed in a serpentine pattern. The serpentine layout increases the effective path length, which reduces voltage stress. * **Encapsulation:** Coated with a high-dielectric **Silicone or Epoxy** resin. This provides moisture protection and prevents "corona discharge" at high voltages. * **Terminals:** Tinned copper leads, often designed with a specific "stand-off" to increase the creepage distance between the PCB and the high-voltage body. --- ## 3. Part Number Breakdown (Nomenclature) While naming conventions vary slightly by manufacturer, the code generally breaks down as follows: | Segment | Meaning | | :--- | :--- | | **HVF** | **H**igh **V**oltage **F**ilm (Series identifier) | | **4** | Power Rating (e.g., 4 Watts) | | **W6** | Physical Case Size / Length dimension | | **R** | RoHS Compliant (Lead-free) | --- ## 4. Typical Applications These parts are not found in consumer electronics (like phones) but rather in specialized industrial and medical equipment: 1. **Medical Imaging:** Used in X-ray and MRI power supplies for voltage sensing. 2. **Mass Spectrometers:** Precision voltage dividers for particle acceleration. 3. **Smart Grids:** Monitoring high-voltage transmission lines. 4. **Radar Systems:** High-frequency pulse handling. --- ## 5. Circuit Symbol & Schematic In a schematic, this is represented as a standard resistor, but often with a notation regarding its voltage rating: ```text +---[ HVF-4W6-R ]---+ (HV IN) ---/\/\/\/\/\/\--- (GND/SENSE) 10kV Rated ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge voltage the HVF-4W6-R can withstand?
    • ⤷ How does the 'serpentine' design prevent electrical arcing?
    • ⤷ What are the recommended cooling methods for 4W power resistors in enclosed chassis?