전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • HVF-52-R

  • AI
    ## Understanding the HVF-52-R (High Voltage Fuse) The **HVF-52-R** is a specific type of high-voltage, current-limiting fuse typically used in industrial and utility power systems to protect equipment like transformers or motor circuits. Below is a breakdown of its electronic and mechanical specifications. --- ### 1. Technical Specifications The "R" designation usually implies a "Back-up" fuse rating according to IEEE/ANSI standards, meaning it is designed to interrupt high-magnitude fault currents. | Feature | Description | | :--- | :--- | | **Component Type** | High Voltage Current-Limiting Fuse | | **Voltage Rating** | Typically rated for 5.5kV or 7.2kV systems | | **Current Rating** | Dependent on specific suffix (usually 2R to 36R) | | **Interrupting Rating** | High capacity (e.g., 50kA or 80kA RMS Symmetrical) | | **Standard Compliance** | ANSI C37.40, C37.41, C37.46 | --- ### 2. Internal Electronic Construction The HVF-52-R is not a solid-state electronic device; it is a passive electromechanical component. Its "electronic" functionality comes from its materials: * **Fuse Element (The Core):** Made of high-conductivity silver or silver-plated copper. The element is notched at specific intervals to control the melting point and ensure multiple arcs form simultaneously during a fault. * **Arc Quenching Medium:** The body is filled with high-purity **silica sand**. When a fault occurs, the silver element vaporizes, and the sand turns into a glass-like substance (fulgurite) that absorbs the energy and extinguishes the arc. * **Housing:** Usually constructed from high-strength fiberglass or ceramic (Porcelain) to withstand the high internal pressures during a short circuit. --- ### 3. Key Operational Characteristics The "R-Rating" is critical for motor protection. It defines the time-current characteristic: 1. **Motor Start Tolerance:** The fuse is designed to withstand the high "in-rush" current of a motor starting up without blowing. 2. **Back-up Protection:** It is not intended to clear low-level overloads. It works in conjunction with an overload relay. The relay handles small currents, while the HVF-52-R handles catastrophic short circuits. 3. **Low Let-Through Energy:** Because it is "current-limiting," it reacts so fast (less than 1/2 cycle) that the fault current never reaches its theoretical peak, protecting downstream components from thermal and magnetic stress. --- ### 4. Identification Code If you are looking at the part number `HVF-52-R`, here is how it is typically decoded: ```text HVF - 5 - 2 - R | | | | Series | | Standard "R" Rating Class | Current Rating (Multiple) Voltage Class (approx. 5kV) ```
    ✨ Follow-up Questions
    • ⤷ What is the specific application difference between an 'R' rated and an 'E' rated fuse?
    • ⤷ How do you calculate the correct R-rating for a 5kV motor starter?
    • ⤷ What are the physical dimensions and mounting requirements for the HVF-52-R?