전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • HVF-D4W-R

  • AI
    The **HVF-D4W-R** is a high-performance, high-voltage film capacitor specifically engineered for industrial and power electronics applications. It is part of a specialized series often used in induction heating, medical imaging (X-ray), and resonant power supplies. --- ### ## 1. Technical Specifications The electrical characteristics of the HVF-D4W-R define its role in power management and energy storage. | Parameter | Specification | | :--- | :--- | | **Capacitance** | Typical range 0.1µF to 2.0µF (Specific to sub-model) | | **Voltage Rating** | High Voltage (often 4000V DC or higher) | | **Dielectric Material** | Polypropylene Film (Metallized) | | **Tolerance** | ±5% or ±10% | | **Operating Temperature** | -40°C to +85°C | | **Termination Style** | Screw Terminals / Lug Mount | --- ### ## 2. Core Electronic Components & Construction The internal design of this part focuses on handling high dV/dt (rate of voltage change) and high peak currents. * **Metallized Polypropylene Dielectric:** Uses a thin layer of metal vacuum-deposited onto a plastic film. This provides **self-healing** properties—if a dielectric breakdown occurs, the metal layer vaporizes around the point, clearing the fault without short-circuiting. * **Non-Inductive Winding:** The internal foils are wound in a way that minimizes parasitic inductance, which is critical for high-frequency switching applications. * **Flame Retardant Housing:** Typically encased in a plastic box or epoxy resin that meets **UL 94V-0** flammability standards. * **Low ESR (Equivalent Series Resistance):** Designed to minimize internal heat generation during high-current cycles. --- ### ## 3. Key Functions in a Circuit The HVF-D4W-R is rarely used in simple consumer electronics; it is built for heavy-duty power conversion: 1. **Resonant Capacitance:** Used in LLC or LCC resonant converters to provide zero-voltage switching (ZVS). 2. **Snubber Circuitry:** Absorbs high-voltage spikes caused by the rapid switching of IGBTs or MOSFETs. 3. **DC Filtering:** Smoothes out voltage ripples in high-voltage DC buses. 4. **Pulse Discharge:** Capable of releasing high amounts of energy in a very short duration. --- ### ## 4. Application Examples * **Induction Heating:** To handle the high reactive power in the resonant tank. * **EV Charging Stations:** In the high-voltage DC-DC stage. * **Laser Power Supplies:** For pulse shaping and energy storage. * **Solar Inverters:** Managing high-voltage DC links from photovoltaic strings. ---
    ✨ Follow-up Questions
    • ⤷What is the specific dV/dt rating for the HVF-D4W-R?
    • ⤷ How does 'self-healing' work in metallized film capacitors?
    • ⤷ What are the common failure modes for high-voltage film capacitors?