전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • HVF-E6-R

  • AI
    The **HVF-E6-R** is a high-performance, high-voltage film capacitor manufactured by **Nichicon**. It belongs to the **HVF series**, which is specifically designed for automotive applications, particularly in Electric Vehicles (EV) and Hybrid Electric Vehicles (HEV) as part of the DC-link or inverter circuitry. ### 1. Key Technical Specifications The "HVF-E6-R" designation usually refers to a specific variation within the series. Below are the typical technical parameters for this class of component: | Feature | Specification (Typical) | | :--- | :--- | | **Dielectric Material** | Polypropylene Film | | **Capacitance Range** | High capacity (often hundreds of μF) | | **Voltage Rating** | 450V DC to 1200V DC | | **Operating Temperature** | -40°C to +105°C | | **Termination Style** | Screw Terminal or Bus-bar mount | | **Reliability Standard** | AEC-Q200 compliant | --- ### 2. Electronic Composition and Design The HVF-E6-R is engineered to handle extreme electrical stress. Its internal architecture includes: * **Metallized Film:** Thin layers of plastic film coated with a metal (usually zinc or aluminum) act as the electrodes. * **Self-Healing Property:** If a dielectric breakdown occurs due to a voltage spike, the metal layer around the point of failure evaporates, isolating the fault and allowing the capacitor to continue functioning. * **Low ESR (Equivalent Series Resistance):** This minimizes heat generation during high-frequency switching, which is critical for inverter efficiency. * **Low ESL (Equivalent Series Inductance):** The internal lead structure is optimized to reduce inductance, protecting power semiconductors (IGBTs/SiC MOSFETs) from voltage overshoots. --- ### 3. Applications The primary role of the HVF-E6-R is in **Power Electronics**. Its electronic characteristics make it suitable for: 1. **DC-Link Smoothing:** Balancing the ripple current between the battery and the inverter in electric drivetrains. 2. **Snubber Circuits:** Absorbing transient voltage spikes caused by high-speed switching. 3. **Renewable Energy Inverters:** Used in solar and wind power converters to stabilize DC voltages before conversion to AC. --- ### 4. Comparison: Film vs. Electrolytic The HVF-E6-R (Film) is often chosen over traditional Aluminum Electrolytic capacitors for the following reasons: | Aspect | Film (HVF-E6-R) | Aluminum Electrolytic | | :--- | :--- | :--- | | **Lifespan** | Very Long (10+ years) | Moderate (Limited by electrolyte dry-out) | | **Voltage Tolerance** | High surge capability | Lower surge capability | | **Current Handling** | High Ripple Current | Lower Ripple Current | | **Safety** | Dry construction (Non-explosive) | Liquid electrolyte (Risk of leakage) | ---
    ✨ Follow-up Questions
    • ⤷What is the exact capacitance value of the HVF-E6-R variant?
    • ⤷ How does AEC-Q200 compliance affect the usage of this part in automotive designs?
    • ⤷ What are the recommended mounting torque specs for the R-type screw terminals?