전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • HVF-F0-R/Q

  • AI
    The **HVF-F0-R/Q** series refers to high-voltage, fast-recovery rectifier diodes, commonly used in automotive ignition systems, laser power supplies, and high-voltage generators. These components are designed to handle extreme voltage stress while maintaining fast switching speeds. --- ### 1. Key Technical Specifications Below are the typical electronic characteristics for the R/Q variants of this series: | Parameter | Specification (Typical) | Unit | | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 10,000 - 15,000 | Volts (V) | | **Average Forward Current ($I_{F(AV)}$)** | 10 - 50 | Milliamps (mA) | | **Reverse Recovery Time ($t_{rr}$)** | 50 - 100 | Nanoseconds (ns) | | **Forward Voltage Drop ($V_F$)** | 20 - 35 | Volts (V) | | **Operating Temperature** | -40 to +120 | °C | --- ### 2. Functional Description The HVF (High Voltage Fast) series is engineered for specific performance in high-frequency environments: * **Fast Recovery:** The "Fast Recovery" characteristic (low $t_{rr}$) ensures that the diode can switch from a conducting state to a blocking state very quickly. This reduces power loss and heat generation in high-frequency circuits. * **High Dielectric Strength:** The physical packaging is usually elongated or resin-molded to prevent "arcing" (electrical discharge) across the surface of the component. * **R/Q Suffixes:** * **R:** Often denotes a standard high-reliability orientation or specific lead configuration. * **Q:** Generally indicates **AEC-Q101 Compliance**, meaning the part is qualified for automotive use and can withstand harsh vibrations and thermal cycling. --- ### 3. Common Applications These parts are specialized and not found in standard consumer electronics. Their primary roles include: 1. **Automotive Ignition Coils:** Ensuring the high-voltage pulse flows in one direction to the spark plug without damaging the primary circuit. 2. **Negative Ion Generators:** Used in air purifiers to rectify high-voltage AC into DC. 3. **X-Ray Power Supplies:** Maintaining stable DC voltage in medical or industrial imaging. 4. **CRT Displays:** (Legacy use) For the high-voltage flyback transformers. --- ### 4. Circuit Symbol and Installation ```mermaid graph LR A[Anode +] --- DIODE((>|)) --- K[Cathode -] ``` **Note on Testing:** Because these diodes have a very high Forward Voltage ($V_F > 20V$), a standard multimeter in "Diode Test" mode will usually show an "Open Circuit" (OL) reading. To test these, you must use a high-voltage power supply and a current-limiting resistor.
    ✨ Follow-up Questions
    • ⤷What is the difference between the R and Q versions in terms of thermal management?
    • ⤷ How can I safely test the forward voltage of a 10kV diode?
    • ⤷ What are the specific AEC-Q101 standards these parts must meet?