전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • HVF-G6-R

  • AI
    The **HVF-G6-R** is a high-performance, high-voltage film capacitor typically used in specialized industrial electronics, power supplies, and induction heating systems. It is part of a series designed to handle significant reactive power and high-frequency currents. --- ## 1. Core Technical Specifications The electrical characteristics define how the HVF-G6-R behaves within a circuit. | Parameter | Typical Value / Description | | :--- | :--- | | **Capacitance Range** | Varies by sub-model (typically in µF range) | | **Voltage Rating** | High Voltage (AC/DC specific ratings) | | **Dielectric Material** | Polypropylene Film (Self-healing properties) | | **Cooling Method** | Often convection or conduction cooled | | **Tolerance** | Usually ±5% or ±10% | --- ## 2. Key Electronic Components & Construction The internal and external architecture of the HVF-G6-R involves several critical elements: ### A. Metallized Polypropylene Dielectric The "heart" of the unit. The polypropylene film is coated with a thin layer of metal (usually Zinc or Aluminum). * **Self-healing:** If a dielectric breakdown occurs, the metal layer around the point evaporates, isolating the fault and allowing the capacitor to continue functioning. ### B. Internal Series Connection To handle high voltages, the internal elements are often connected in a series-parallel arrangement. This distributes the voltage stress across multiple internal sections to prevent premature failure. ### C. Termination and Terminals The "R" in the suffix often denotes a specific terminal style (such as threaded studs or specific lug types). These are designed for: * **Low ESR (Equivalent Series Resistance):** Minimizing heat generation. * **High Peak Current:** Handling rapid discharge cycles. --- ## 3. Applications in Electronic Systems The HVF-G6-R is rarely used in consumer electronics; it is found in robust power electronic environments: 1. **Resonant Circuits:** Used in induction heating where it must withstand continuous high-frequency oscillation. 2. **Pulse Power:** Storing energy for rapid release in laser or medical imaging equipment. 3. **Inverters/Converters:** Acting as a DC-link capacitor to smooth voltage ripples in high-power motor drives. --- ## 4. Safety and Reliability Features * **Overpressure Disconnector:** Many units in this category include an internal safety mechanism that disconnects the capacitor from the circuit if internal pressure rises due to overheating. * **Flame Retardant Housing:** Encased in materials that meet UL94V-0 standards to prevent fire hazards.
    ✨ Follow-up Questions
    • ⤷ What are the specific voltage and capacitance ratings for the 'R' variant?
    • ⤷ How does the ESR of the HVF-G6-R compare to standard electrolytic capacitors?
    • ⤷ What are the recommended mounting orientations for thermal management?