전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • HVLED1

  • AI
    The **HVLED1** (specifically the HVLED1xx series, often associated with STMicroelectronics) is a high-performance, high-voltage offline LED driver designed for lighting applications. It is engineered to provide efficient power conversion from AC mains directly to an LED string. --- ### 1. Key Internal Electronic Components The HVLED1 architecture integrates several sophisticated blocks to handle high-voltage regulation and safety. | Component Block | Function | | :--- | :--- | | **High Voltage Startup** | Allows the device to start directly from the rectified mains voltage without external resistors, improving efficiency. | | **PFC Controller** | **Power Factor Correction** ensures the current drawn is in phase with the voltage, reducing harmonic distortion. | | **Constant Current (CC) Control** | Regulates the output current to ensure consistent LED brightness regardless of input voltage fluctuations. | | **PWM Comparator** | Manages Pulse Width Modulation to drive an external or internal MOSFET for power switching. | | **Protection Circuitry** | Includes Over-Voltage Protection (OVP), Short-Circuit Protection (SCP), and Thermal Shutdown. | --- ### 2. Functional Pins and Connectivity Standard packages (like SO-8) typically feature the following pinout configuration: 1. **VCC**: Supply voltage for the internal logic. 2. **GD (Gate Driver)**: Drives the gate of the external N-channel MOSFET. 3. **MULT**: Multiplier input used for Power Factor Correction (PFC). 4. **CS (Current Sense)**: Monitors the inductor current via a shunt resistor. 5. **ZCD (Zero Crossing Detector)**: Detects when the inductor current reaches zero to trigger the next switching cycle (Quasi-Resonant mode). 6. **INV**: Inverting input of the error amplifier for feedback loops. 7. **COMP**: Compensation pin for the control loop stability. 8. **GND**: Common ground. --- ### 3. Operational Characteristics The HVLED1 operates primarily in **Transition Mode (TM)** or **Quasi-Resonant (QR)** mode. This provides several technical advantages: * **Efficiency**: Switching occurs when the voltage across the MOSFET is at its minimum, reducing switching losses. * **EMI Reduction**: The variable frequency nature of QR switching spreads the electromagnetic interference spectrum, making it easier to filter. * **Primary Sensing**: Many versions allow for "Primary Side Regulation" (PSR), meaning it can regulate output current without an optocoupler, saving cost and board space. --- ### 4. Typical Application Circuit The HVLED1 is usually the heart of a **Flyback** or **Buck-Boost** converter topology. ```text AC Input -> Bridge Rectifier -> HVLED1 Controller -> Switching MOSFET -> Transformer/Inductor -> LED Load ``` --- ### 5. Technical Specifications (Summary) | Parameter | Value (Typical) | | :--- | :--- | | **Input Voltage Range** | 80V AC to 265V AC | | **Power Factor** | > 0.9 | | **THD (Total Harmonic Distortion)** | < 20% | | **Startup Voltage** | ~12V to 15V | | **Operating Frequency** | Variable (up to 150kHz) |
    ✨ Follow-up Questions
    • ⤷ What is the difference between HVLED1 and HVLED815SF?
    • ⤷ How does Primary Side Regulation work in this specific driver?
    • ⤷ Can you provide a sample schematic for a 10W LED driver using HVLED1?