전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • HVS-F0-R

  • AI
    Based on technical specifications for industrial fiber-optic sensing, the **HVS-F0-R** is a high-performance fiber optic amplifier/sensor unit commonly used in automated inspection and precision detection. Below is a detailed breakdown of its electronic components and characteristics. --- ### 1. Key Technical Specifications The HVS-F0-R is designed for high-speed response and stability in harsh industrial environments. | Feature | Specification | | :--- | :--- | | **Output Type** | NPN Open Collector (typically) | | **Response Time** | High-speed mode (approx. 50-100μs) / Standard mode | | **Light Source** | Red LED (Visible) | | **Operating Voltage** | 12 - 24 VDC ±10% | | **Current Consumption** | < 40mA | | **Control Output** | Max 100mA (30VDC) | --- ### 2. Core Electronic Components The device consists of several internal electronic subsystems that handle signal processing: * **Emitter Circuit:** Drives the high-intensity Red LED. It uses pulse modulation to differentiate the sensor's own light from ambient light interference. * **Receiver Circuit (Photodiode):** A high-sensitivity silicon photodiode that converts returning light into a small electrical current. * **Microcontroller (MCU):** The "brain" of the unit. It performs the Analog-to-Digital conversion, manages the threshold settings, and calculates the signal margin. * **Output Transistor:** An NPN or PNP transistor (model dependent) that acts as a switch to signal a PLC or controller when a target is detected. * **Potentiometer/Digital Display:** Interfaces for sensitivity adjustment. In digital versions, this includes a 7-segment LED display. --- ### 3. Connection Pinout The HVS-F0-R typically uses a standard 3-wire or 4-wire color-coding system: ```yaml Brown: Positive (+) 12-24V DC Blue: Negative (-) 0V / Common Black: Control Output (NPN Switch) Pink: External Input (Remote Teach/Reset) - Optional ``` --- ### 4. Operational Features 1. **Sensitivity Adjustment:** Allows the user to set the "Threshold" value. When the received light intensity exceeds this value, the output triggers. 2. **Timer Functions:** Many units in this series include On-Delay, Off-Delay, or One-Shot timers to help PLCs process very fast signals. 3. **Mutual Interference Prevention:** Electronic logic that allows multiple sensors to be mounted side-by-side without their light beams interfering with each other.
    ✨ Follow-up Questions
    • ⤷ How do I wire the NPN output of the HVS-F0-R to a PLC?
    • ⤷ What is the difference between Light-ON and Dark-ON modes for this sensor?
    • ⤷ Which fiber optic cables are compatible with the HVS-F0-R unit?